Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZT4403 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # PZT4403
Description  PNP Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

PZT4403 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  PZT4403_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
PZT4403 (KZT4403)
Features
Low Voltage and Low Current
General Purpose Amplifier and Switch Application
Complementary to PZT4401
0.70±0.1
4.60 (typ)
6.50±0.2
3.00±0.1
2.30 (typ)
SOT-223
Unit:mm
1.Base
2.Collector
3.Emitter
4.Collector
4
1
2
3
0.250
Gauge Plane
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-40
Collector - Emitter Voltage
VCEO
-40
Emitter - Base Voltage
VEBO
-6
Collector Current - Continuous
IC
-600
mA
Collector Power Dissipation
PC
1
W
Thermal Resistance From Junction To Ambient
RθJA
125
/W
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE= 0
-40
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB= 0
-40
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC= 0
-6
Collector-base cut-off current
ICBO
VCB= -40 V , IE= 0
-100
Emitter cut-off current
IEBO
VEB= -6V , IC=0
-100
IC=-150 mA, IB=-15mA
-0.4
IC= -500 mA, IB= -50mA
-0.75
IC=-150 mA, IB=-15mA
-0.95
IC= -500 mA, IB= -50mA
-1.3
hFE(1)
VCE= -1V, IC=- 0.1mA
30
hFE(2)
VCE= -1V, IC= -1mA
60
hFE(3)
VCE= -1V, IC=- 10mA
100
hFE(4)
VCE= -1V, IC= -150mA
100
300
Emitter input capacitance
Cib
VEB= -0.5V, IC= 0,f=1MHz
35
Collector output capacitance
Cob
VCB= -5V, IE= 0,f=1MHz
8.5
Transition frequency
fT
VCE= -10V, IC= -20mA,f=100MHz
200
MHz
V
nA
Collector-emitter saturation voltage
VCE(sat)
pF
VBE(sat)
Base - emitter saturation voltage
V
DC current gain


Similar Part No. - PZT4403_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
PZT4403 SECOS-PZT4403_15 Datasheet
930Kb / 2P
   PNP Transistor
logo
SHENZHEN YONGERJIA INDU...
PZT4403 WINNERJOIN-PZT4403_15 Datasheet
161Kb / 1P
   PNP TRANSISTOR
More results

Similar Description - PZT4403_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com