Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG40N60B3 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HGTG40N60B3
Description  70A, 600V, UFS Series N-Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG40N60B3 Datasheet(HTML) 5 Page - Intersil Corporation

  HGTG40N60B3 Datasheet HTML 1Page - Intersil Corporation HGTG40N60B3 Datasheet HTML 2Page - Intersil Corporation HGTG40N60B3 Datasheet HTML 3Page - Intersil Corporation HGTG40N60B3 Datasheet HTML 4Page - Intersil Corporation HGTG40N60B3 Datasheet HTML 5Page - Intersil Corporation HGTG40N60B3 Datasheet HTML 6Page - Intersil Corporation HGTG40N60B3 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 11. TURN-OFF DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 12. FALL TIME vs COLLECTOR TO EMITTER
CURRENT
FIGURE 13. TRANSFER CHARACTERISTIC
FIGURE 14. GATE CHARGE WAVEFORM
FIGURE 15. CAPACITANCE vs COLLECTOR TO EMITTER VOLTAGE
Typical Performance Curves (Unless Otherwise Specified) (Continued)
ICE, COLLECTOR TO EMITTER CURRENT (A)
20
40
60
80
100
100
150
200
250
300
RG = 3Ω, L = 100µH, VCE = 480V
TJ = 25
oC, V
GE = 15V
TJ = 25
oC, V
GE = 15V
TJ = 150
oC, V
GE = 10V
TJ = 150
oC, V
GE = 15V
ICE, COLLECTOR TO EMITTER CURRENT (A)
20
40
60
80
100
20
60
100
140
180
RG = 3Ω, L = 100µH, VCE = 480V
TJ = 150
oC, V
GE = 10V AND 15V
TJ = 25
oC, V
GE = 10V AND 15V
0
40
80
120
160
200
57
8
9
10
46
VGE, GATE TO EMITTER VOLTAGE (V)
TC = 150
oC
TC = -55
oC
TC = 25
oC
DUTY CYCLE = <0.5%, VCE = 10V
PULSE DURATION = 25
µs
QG, GATE CHARGE (nC)
200
0
12
15
9
6
3
0
100
50
150
250
300
Ig(REF) = 3.255mA, RL = 7.5Ω, TC = 25
oC
VCE = 600V
VCE = 200V
VCE = 400V
CRES
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
5
10
15
20
25
0
2
CIES
COES
FREQUENCY = 400kHz
4
6
8
10
12
14
HGTG40N60B3


Similar Part No. - HGTG40N60B3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
90Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
154Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
logo
Harris Corporation
HGTG40N60B3 HARRIS-HGTG40N60B3 Datasheet
65Kb / 6P
   70A, 600V, UFS Series N-Channel IGBT
More results

Similar Description - HGTG40N60B3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
90Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
154Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
logo
Harris Corporation
HGTG40N6 HARRIS-HGTG40N6 Datasheet
65Kb / 6P
   70A, 600V, UFS Series N-Channel IGBT
logo
Fairchild Semiconductor
HGT1Y40N60B3D FAIRCHILD-HGT1Y40N60B3D Datasheet
132Kb / 9P
   70A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG20N60C3 INTERSIL-HGTG20N60C3 Datasheet
81Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
214Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT
HGT1S20N60C3S9A FAIRCHILD-HGT1S20N60C3S9A Datasheet
153Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60C3 INTERSIL-HGTG30N60C3 Datasheet
99Kb / 6P
   63A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG40N60C3 FAIRCHILD-HGTG40N60C3 Datasheet
122Kb / 8P
   75A, 600V, UFS Series N-Channel IGBT
HGTG30N60B3 FAIRCHILD-HGTG30N60B3 Datasheet
221Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com