Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC4227-C Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FC4227-C
Description  NPN Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FC4227-C Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FC4227-C Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FC4227-C Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FC4227-C Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FC4227-C Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
NPN Transistors
FC4227
Scattering Parameters (VCE=3V, IC=7mA, ZO=50Ω)
Test
Frequency
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.1
0.800
-66.638
14.882
130.7
0.030
56.249
0.890
-27.955
0.2
0.694
-91.137
11.552
124.96
0.049
60.477
0.702
-50.403
0.3
0.566
-114.06
9.815
115.06
0.068
55.227
0.551
-61.675
0.4
0.495
-133.17
8.278
108
0.078
53.784
0.469
-70.48
0.5
0.459
-150.4
6.990
101.15
0.084
53.786
0.411
-77.423
0.6
0.433
-165.33
5.964
95.673
0.093
52.516
0.372
-83.621
0.7
0.413
-179.33
5.210
89.157
0.103
54.995
0.347
-90.533
0.8
0.400
169.28
4.657
85.376
0.107
56.12
0.326
-96.514
0.9
0.393
157.03
4.200
79.433
0.113
58.255
0.310
-101.98
1
0.387
146.25
3.848
78.22
0.116
58.703
0.306
-110.33
1.1
0.383
135.34
3.350
73.324
0.133
61.525
0.297
-114.94
1.2
0.380
126.52
3.098
70.847
0.133
63.787
0.287
-121.58
1.3
0.371
117.86
2.773
65.947
0.151
66.742
0.283
-127.67
1.4
0.381
108.76
2.649
64.844
0.162
66.09
0.287
-135.48
1.5
0.369
101.67
2.369
61.992
0.175
71.374
0.280
-138.07
1.6
0.387
91.64
2.287
62.74
0.187
66.919
0.287
-147.63
1.7
0.384
85.917
1.974
59.741
0.209
70.974
0.293
-150.25
1.8
0.400
77.231
1.976
58.362
0.232
69.803
0.300
-160.33
1.9
0.390
69.48
1.788
58.193
0.236
73.023
0.282
-163.24
2
0.423
59.968
1.835
58.576
0.277
65.521
0.309
-175.14
2.1
0.429
54.47
1.666
59.972
0.290
67.129
0.323
-175.96


Similar Part No. - FC4227-C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FC4228 ISC-FC4228 Datasheet
232Kb / 2P
   isc Silicon NPN RF Power Transistor
More results

Similar Description - FC4227-C

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com