Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG30N60C3D Datasheet(PDF) 3 Page - Intersil Corporation

Part # HGTG30N60C3D
Description  63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG30N60C3D Datasheet(HTML) 3 Page - Intersil Corporation

  HGTG30N60C3D Datasheet HTML 1Page - Intersil Corporation HGTG30N60C3D Datasheet HTML 2Page - Intersil Corporation HGTG30N60C3D Datasheet HTML 3Page - Intersil Corporation HGTG30N60C3D Datasheet HTML 4Page - Intersil Corporation HGTG30N60C3D Datasheet HTML 5Page - Intersil Corporation HGTG30N60C3D Datasheet HTML 6Page - Intersil Corporation HGTG30N60C3D Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Diode Reverse Recovery Time
trr
IEC = 30A, dIEC/dt = 100A/µs
-
52
60
ns
IEC = 1.0A, dIEC/dt = 100A/µs
-
42
50
ns
Thermal Resistance
RθJC
IGBT
-
-
0.6
oC/W
Diode
-
-
1.3
oC/W
NOTE:
3. Turn-Off Energy Loss (EOFF) is defined as the integral of the instantaneous power loss starting at the trailing edge of the input pulse and ending
at the point where the collector current equals zero (ICE = 0A). The HGTG30N60C3D was tested per JEDEC standard No. 24-1 Method for
Measurement of Power Device Turn-Off Switching Loss. This test method produces the true total Turn-Off Energy Loss. Turn-On losses include
diode losses.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curves
FIGURE 1. TRANSFER CHARACTERISTICS
FIGURE 2. SATURATION CHARACTERISTICS
FIGURE 3. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 4. COLLECTOR TO EMITTER ON-STATE VOLTAGE
VGE, GATE TO EMITTER VOLTAGE (V)
TC = 25
oC
TC = -40
oC
TC = 150
oC
46
8
10
12
0
25
50
75
100
125
150
PULSE DURATION = 250
µs
DUTY CYCLE <0.5%, VCE = 10V
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
PULSE DURATION = 250
µs, DUTY CYCLE <0.5%, TC = 25oC
0
02
4
6
8
10
10.0V
9.5V
9.0V
8.5V
25
50
75
100
125
150
7.0V
7.5V
8.0V
12.0V
VGE = 15.0V
0
25
50
01
2
3
4
5
75
100
125
150
PULSE DURATION = 250
µs
DUTY CYCLE <0.5%, VGE = 10V
TC = -40
oC
TC = 25
oC
TC = 150
oC
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
25
50
75
125
150
0
1
2
345
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
100
PULSE DURATION = 250
µs
DUTY CYCLE <0.5%
VGE = 15V
TC = 150
oC
TC = 25
oC
TC = -40
oC
HGTG30N60C3D


Similar Part No. - HGTG30N60C3D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D Datasheet
144Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Harris Corporation
HGTG30N60C3D HARRIS-HGTG30N60C3D Datasheet
131Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D Datasheet
299Kb / 9P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2009
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D_V01 Datasheet
299Kb / 9P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2009
More results

Similar Description - HGTG30N60C3D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D_V01 Datasheet
299Kb / 9P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2009
HGTG30N60C3D FAIRCHILD-HGTG30N60C3D Datasheet
144Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Harris Corporation
HGTG30N60C3D HARRIS-HGTG30N60C3D Datasheet
131Kb / 8P
   63A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGT1Y40N60B3D FAIRCHILD-HGT1Y40N60B3D Datasheet
132Kb / 9P
   70A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGT1S7N60C3DS9A FAIRCHILD-HGT1S7N60C3DS9A Datasheet
566Kb / 9P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
HGTP7N60C3D FAIRCHILD-HGTP7N60C3D Datasheet
197Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTP7N60C3D INTERSIL-HGTP7N60C3D Datasheet
176Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
HGTP12N60C3D INTERSIL-HGTP12N60C3D Datasheet
99Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
HGTP3N60C3D INTERSIL-HGTP3N60C3D Datasheet
273Kb / 7P
   6A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTP12N60C3D FAIRCHILD-HGTP12N60C3D Datasheet
154Kb / 8P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com