Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-LED8-1WAAS-PR7-1 Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-LED8-1WAAS-PR7-1
Description  Waterproof LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-LED8-1WAAS-PR7-1 Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-LED8-1WAAS-PR7-1 Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
A-LED8-1WAAS-PR7-1
rev00
Wilson
06.03.14
Free
Scale
X.
X.X
X.XX
DIM
X.°
X.X°
Angle
TOL
±0.3
±X
±X
±X°
±X°
Waterproof LED
White color, plastic, Ø3.0mm
Quality Control: Important Dimension to check
Groll
06.03.14
Material:
• Waterproof Rate: IP67
• LED Holder: PC+ABS, Black
• LED: ø3mm, White
• O-ring: EPDM, Black
• Screw Nut: Nylon+GF
• Operating voltage: 4V DC
• Operating Temperature: -40°C~+80°C
• For Panel Thickness 6.5mm Max.
O-ring
Screw
Nut
Half-finished
goods
Liquid Glue
Recommended
Panel Cut-Out


Similar Part No. - A-LED8-1WAAS-PR7-1

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-LED8-1WAAS-PR7-1-R ASSMANN-A-LED8-1WAAS-PR7-1-R Datasheet
65Kb / 1P
   WATERPROOF LED - WHITE COLOR, M8 SIZE CONNECTOR
More results

Similar Description - A-LED8-1WAAS-PR7-1

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-LED8-1RAAS-MR7-1 ASSMANN-A-LED8-1RAAS-MR7-1 Datasheet
59Kb / 1P
   Waterproof LED
A-LED8-1BAAS-MR7-1 ASSMANN-A-LED8-1BAAS-MR7-1 Datasheet
60Kb / 1P
   Waterproof LED
A-LED8-1BAAS-PR7-1 ASSMANN-A-LED8-1BAAS-PR7-1 Datasheet
58Kb / 1P
   Waterproof LED
A-LED8-1BBAS-MR7-1 ASSMANN-A-LED8-1BBAS-MR7-1 Datasheet
59Kb / 1P
   Waterproof LED
A-LED8-1GBAS-MR7-1 ASSMANN-A-LED8-1GBAS-MR7-1 Datasheet
59Kb / 1P
   Waterproof LED
A-LED8-1AAAS-MR7-1 ASSMANN-A-LED8-1AAAS-MR7-1 Datasheet
58Kb / 1P
   Waterproof LED
A-LED8-1GAAS-PR7-1 ASSMANN-A-LED8-1GAAS-PR7-1 Datasheet
58Kb / 1P
   Waterproof LED
A-LED8-1RAAS-PR7-1 ASSMANN-A-LED8-1RAAS-PR7-1 Datasheet
58Kb / 1P
   Waterproof LED
A-LED8-1WAAS-MR7-1 ASSMANN-A-LED8-1WAAS-MR7-1 Datasheet
59Kb / 1P
   Waterproof LED
A-LED8-1WBAS-MR7-1 ASSMANN-A-LED8-1WBAS-MR7-1 Datasheet
59Kb / 1P
   Waterproof LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com