Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG30N120CN Datasheet(PDF) 5 Page - Intersil Corporation

Part # HGTG30N120CN
Description  75A, 1200V, NPT Series N-Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG30N120CN Datasheet(HTML) 5 Page - Intersil Corporation

  HGTG30N120CN Datasheet HTML 1Page - Intersil Corporation HGTG30N120CN Datasheet HTML 2Page - Intersil Corporation HGTG30N120CN Datasheet HTML 3Page - Intersil Corporation HGTG30N120CN Datasheet HTML 4Page - Intersil Corporation HGTG30N120CN Datasheet HTML 5Page - Intersil Corporation HGTG30N120CN Datasheet HTML 6Page - Intersil Corporation HGTG30N120CN Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 11. TURN-OFF DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 12. FALL TIME vs COLLECTOR TO EMITTER
CURRENT
FIGURE 13. TRANSFER CHARACTERISTIC
FIGURE 14. GATE CHARGE WAVEFORMS
FIGURE 15. CAPACITANCE vs COLLECTOR TO EMITTER
VOLTAGE
FIGURE 16. COLLECTOR TO EMITTER ON-STATE VOLTAGE
Typical Performance Curves Unless Otherwise Specified (Continued)
10
15
30
5
300
25
20
100
200
ICE, COLLECTOR TO EMITTER CURRENT (A)
45
40
35
600
400
500
60
55
50
TJ = 25
oC, V
GE = 12V, VGE = 15V
TJ = 150
oC, V
GE = 12V, VGE = 15V
RG = 3Ω, L = 1mH, VCE = 960V
ICE, COLLECTOR TO EMITTER CURRENT (A)
10
15
30
5
0
300
400
25
20
100
200
500
600
45
40
35
TJ = 150
oC, V
GE = 12V AND 15V
TJ = 25
oC, V
GE = 12V AND 15V
60
55
50
700
800
RG = 3Ω, L = 1mH, VCE = 960V
0
100
200
13
7
8
9
10
12
VGE, GATE TO EMITTER VOLTAGE (V)
11
300
400
14
15
500
TC = 25
oC
TC = -55
oC
TC = 150
oC
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VCE = 20V
QG, GATE CHARGE (nC)
8
4
100
2
6
0
0
250
50
150
300
200
VCE = 1200V
VCE = 800V
VCE = 400V
14
10
12
16
IG(REF) = 2mA, RL = 20Ω, TC = 25
oC
CRES
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
5
10
15
20
25
0
2
CIES
4
6
8
10
FREQUENCY = 1MHz
COES
0
5
10
15
2.5
0
0.5
1.0
2.0
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
1.5
20
25
30
3.0
35
40
DUTY CYCLE < 0.5%, TC = 110
oC
VGE = 10V
VGE = 15V
PULSE DURATION = 250
µs
HGTG30N120CN


Similar Part No. - HGTG30N120CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG30N120CN INTERSIL-HGTG30N120CN Datasheet
40Kb / 5P
   30A, 1200V N-Channel IGBT
April 1995
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
More results

Similar Description - HGTG30N120CN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
   1200V NPT SERIES N-CHANNEL IGBT
logo
Intersil Corporation
HGTD2N120CNS INTERSIL-HGTD2N120CNS Datasheet
89Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG27N120BN INTERSIL-HGTG27N120BN Datasheet
82Kb / 7P
   72A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
HGTG11N120CN FAIRCHILD-HGTG11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
HGTG27N120BN FAIRCHILD-HGTG27N120BN Datasheet
212Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD1N120BNS INTERSIL-HGTD1N120BNS Datasheet
71Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG11N120CN INTERSIL-HGTG11N120CN Datasheet
81Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com