Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD71028 Datasheet(PDF) 14 Page - Analog Devices

Part # AD71028
Description  Dual Digital BTSC Encoder with Integrated DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD71028 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD71028_15 Datasheet HTML 10Page - Analog Devices AD71028_15 Datasheet HTML 11Page - Analog Devices AD71028_15 Datasheet HTML 12Page - Analog Devices AD71028_15 Datasheet HTML 13Page - Analog Devices AD71028_15 Datasheet HTML 14Page - Analog Devices AD71028_15 Datasheet HTML 15Page - Analog Devices AD71028_15 Datasheet HTML 16Page - Analog Devices AD71028_15 Datasheet HTML 17Page - Analog Devices AD71028_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD71028
Rev. 0 | Page 14 of 20
Table 13. SPI Control Register 1 Write format
Byte 0
Byte 1
Byte 2
Byte 3
00000, Wb/R, Adr [9:8]
Adr [7:0]
00000, Bit [10:8]
Bit [7:0]
Table 14. SPI Write Format for Parameter RAM, Output Level, Stereo Spreading and Dialog Enhancement Registers
Byte 0
Byte1
Byte 2
Byte 3
Byte 4
000000, Adr [9:8]
Adr [7:0]
00, Level [21:16]
Level [15:8]
Level [7:0]
SPI READ/WRITE DATA FORMATS
The read/write formats of the SPI port are designed to be byte-
oriented. This allows for easy programming of common micro-
controller chips. In order to fit into a byte-oriented format, 0s
are appended to the data fields in order to extend the data-word
to the next multiple of 8 bits. For example, 22-bit words written
to the SPI parameter RAM are appended with two leading zeros
in order to reach 24 bits (3 bytes). These zero-extended data
fields are appended to a 2-byte field consisting of a read/write
bit and a 10-bit address. The SPI port knows how many data
bytes to expect based on the address that is received in the first
2 bytes.
INITIALIZATION
Power-Up Sequence
The AD71028 has a built-in power-up sequence that initializes
the contents of all internal RAM. During this time, the SPI
parameter RAM is filled with values from its associated boot
ROM. The data memories are also cleared during this time.
The boot sequence lasts for 1024 MCLK cycles and starts on the
rising edge of the RESETB pin. The user should avoid writing to
or reading from the SPI registers during this period of time.
SERIAL DATA INPUT PORT
The AD71028’s flexible serial data input port accepts data in
twos complement, MSB-first format. The left channel data field
always precedes the right channel data field. The serial mode is
set by using mode select bits in the SPI control register. In all
modes except the right-justified mode, the serial port will
accept an arbitrary number of bits up to a limit of 24 (extra bits
will not cause an error, but they will be truncated internally). In
right-justified mode, SPI control register bits are used to set the
word length to 16, 20, or 24 bits. The default on power-up is
24-bit mode. Proper operation of the right-justified mode
requires that there be exactly 64 BCLKs per audio frame.
Serial Data Input Modes
Figure 7 shows the left-justified mode. LRCLK is high for the
left channel and low for the right channel. Data is sampled on
the rising edge of BCLK. The MSB is left-justified to a LRCLK
transition with no MSB delay. The left-justified mode can accept
any word length up to 24 bits.
Figure 8 shows the I2S mode, which is the default setting.
LRCLK is low for the left channel, and the MSB is delayed from
the edge of the LRCLK by a single BCLK period. The I2S mode
can be used to accept any number of bits up to 24.
Figure 9 shows the AD71028’s right-justified mode. LRCLK is
high for the left channel and low for the right channel. Data is
sampled on the rising edge of BCLK. The start of data is delayed
from the LRCLK edge by 16, 12, or 8 BCLK intervals, depending
on the selected word length. The default word length is 24 bits;
other word lengths are set by writing to Bits <1:0> of the control
register. In right-justified mode, it is assumed that there are 64
BCLKs per frame.
Figure 10 shows the DSP serial port mode. LRCLK must pulse
high for at least one bit clock period before the MSB of the left
channel is valid, and LRCLK must pulse high again for at least
one bit clock period before the MSB of the right channel is
valid. Data is sampled on the falling edge of BCLK. The DSP
serial port mode can be used with any word length up to 24 bits.
In this mode, it is the responsibility of the DSP to ensure that
the left data is transmitted with the first LRCLK pulse, and that
synchronism is maintained from that point forward.


Similar Part No. - AD71028_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD71028JST AD-AD71028JST Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
AD71028JSTRL AD-AD71028JSTRL Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
More results

Similar Description - AD71028_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD71028 AD-AD71028 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
AD1970 AD-AD1970_15 Datasheet
450Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
AD1970 AD-AD1970 Datasheet
449Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4145 AKM-AK4145 Datasheet
238Kb / 11P
   Digital BTSC Stereo Encoder
AK4145 AKM-AK4145 Datasheet
320Kb / 27P
   Digital BTSC Stereo Encoder
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575 Datasheet
117Kb / 12P
   3.3V Dual Transceivers with Integrated Encoder / Decoders
logo
TRINAMIC Motion Control...
TMCM-110-42-SE TRINAMIC-TMCM-110-42-SE Datasheet
638Kb / 23P
   Integrated encoder
logo
Analog Devices
ADV7190 AD-ADV7190 Datasheet
628Kb / 69P
   Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com