Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG24N60D1D Datasheet(PDF) 3 Page - Intersil Corporation

Part # HGTG24N60D1D
Description  24A, 600V N-Channel IGBT with Anti-Parallel Ultrafast Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG24N60D1D Datasheet(HTML) 3 Page - Intersil Corporation

  HGTG24N60D1D Datasheet HTML 1Page - Intersil Corporation HGTG24N60D1D Datasheet HTML 2Page - Intersil Corporation HGTG24N60D1D Datasheet HTML 3Page - Intersil Corporation HGTG24N60D1D Datasheet HTML 4Page - Intersil Corporation HGTG24N60D1D Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3-109
HGTG24N60D1D
FIGURE 3. DC COLLECTOR CURRENT vs CASE TEMPERATURE
FIGURE 4. FALL TIME vs COLLECTOR-EMITTER CURRENT
FIGURE 5. CAPACITANCE vs COLLECTOR-EMITTER VOLTAGE
FIGURE 6. NORMALIZED SWITCHING WAVEFORMS AT CON-
STANT GATE CURRENT (REFER TO APPLICATION
NOTES AN7254 AND AN7260)
FIGURE 7. SATURATION VOLTAGE vs COLLECTOR-EMITTER
CURRENT
FIGURE 8. TURN-OFF SWITCHING LOSS vs COLLECTOR-
EMITTER CURRENT
Typical Performance Curves (Continued)
50
40
30
20
0
+25
+50
+75
+100
+125
+150
TC, CASE TEMPERATURE (
oC)
VGE = 15V
10
110
40
ICE, COLLECTOR-EMITTER CURRENT (A)
VCE = 480V, VGE = 10V AND 15V,
TJ = +150
oC, R
G = 25Ω, L = 500µH
1000
900
800
700
600
500
400
300
200
100
0
6000
5000
4000
3000
2000
1000
0
0
5
10
15
20
25
VCE, COLLECTOR-TO-EMITTER VOLTAGE (V)
f = 1MHz
CISS
COSS
CRSS
600
450
300
150
0
20
IG(REF)
IG(ACT)
80
IG(REF)
IG(ACT)
TIME (
µs)
VCC = BVCES
RL = 30Ω
IG(REF) = 1.83mA
VGE = 10V
VCC = BVCES
10.0
7.5
5.0
2.5
0
0.75 BVCES
0.50 BVCES
0.25 BVCES
0.75 BVCES
0.50 BVCES
0.25 BVCES
3
2
1
0
110
40
VCE, COLLECTOR-EMITTER CURRENT (A)
VGE = 10V
TJ = +150
oC
VGE = 15V
7.00
1.00
0.10
0.05
11040
ICE, COLLECTOR-EMITTER CURRENT (A)
TJ = +150
oC, R
G = 25Ω,
L = 500
µH
VCE = 240V, VGE = 10V, 15V
VCE = 480V, VGE = 10V, 15V


Similar Part No. - HGTG24N60D1D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG24N60D1 INTERSIL-HGTG24N60D1 Datasheet
32Kb / 4P
   24A, 600V N-Channel IGBT
May 1995
More results

Similar Description - HGTG24N60D1D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG12N60C3D INTERSIL-HGTG12N60C3D Datasheet
98Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Harris Corporation
HGTG12N60C3D HARRIS-HGTG12N60C3D Datasheet
102Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Fairchild Semiconductor
HGTG12N60C3D FAIRCHILD-HGTG12N60C3D Datasheet
124Kb / 8P
   24A, 600V, UFS SERIES N-CHANNEL IGBT WITH ANTI-PARALLEL HYPERFAST DIODE
logo
Intersil Corporation
HGTG12N60D1D INTERSIL-HGTG12N60D1D Datasheet
36Kb / 6P
   12A, 600V N-Channel IGBT with Anti-Parallel Ultrafast Diode
April 1995
HGTP12N60C3D INTERSIL-HGTP12N60C3D Datasheet
99Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTP12N60C3D FAIRCHILD-HGTP12N60C3D Datasheet
154Kb / 8P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTG20N50C1D INTERSIL-HGTG20N50C1D Datasheet
33Kb / 5P
   20A, 500V N-Channel IGBT with Anti-Parallel Ultrafast Diode
April 1995
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com