Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD45048 Datasheet(PDF) 4 Page - Analog Devices

Part # AD45048
Description  Rail-to-Rail Upstream ADSL Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45048 Datasheet(HTML) 4 Page - Analog Devices

  AD45048_15 Datasheet HTML 1Page - Analog Devices AD45048_15 Datasheet HTML 2Page - Analog Devices AD45048_15 Datasheet HTML 3Page - Analog Devices AD45048_15 Datasheet HTML 4Page - Analog Devices AD45048_15 Datasheet HTML 5Page - Analog Devices AD45048_15 Datasheet HTML 6Page - Analog Devices AD45048_15 Datasheet HTML 7Page - Analog Devices AD45048_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD45048
Rev. A | Page 4 of 8
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
26.4 V
Power Dissipation
(TJMAX – TA)/θJA1
Storage Temperature
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature Range
(Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
1 θJA = 112.7°C/W for SOIC package in still air based on 2S2P JEDEC PCB.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD45048_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD45048AR AD-AD45048AR Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048AR-REEL AD-AD45048AR-REEL Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048AR-REEL7 AD-AD45048AR-REEL7 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048ARZ AD-AD45048ARZ Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048ARZ-REEL AD-AD45048ARZ-REEL Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
More results

Similar Description - AD45048_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD45048 AD-AD45048 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9147 SGMICRO-SGM9147 Datasheet
384Kb / 9P
   13MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59110 RENESAS-ISL59110 Datasheet
766Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111 Datasheet
477Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com