Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10678 Datasheet(PDF) 12 Page - Analog Devices

Part No. AD10678
Description  16-Bit, 80 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10678 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD10678_15 Datasheet HTML 8Page - Analog Devices AD10678_15 Datasheet HTML 9Page - Analog Devices AD10678_15 Datasheet HTML 10Page - Analog Devices AD10678_15 Datasheet HTML 11Page - Analog Devices AD10678_15 Datasheet HTML 12Page - Analog Devices AD10678_15 Datasheet HTML 13Page - Analog Devices AD10678_15 Datasheet HTML 14Page - Analog Devices AD10678_15 Datasheet HTML 15Page - Analog Devices AD10678_15 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD10678
Rev. C | Page 12 of 20
TERMINOLOGY
Analog Bandwidth
The analog input frequency at which the spectral power of the
fundamental frequency (as determined by the FFT analysis) is
reduced by 3 dB.
Aperture Delay
The delay between the 50% point on the rising edge of the
ENCODE command and the instant at which the analog input
is sampled.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay.
Differential Nonlinearity (DNL)
The deviation of any code from an ideal 1 LSB step.
Encode Pulse Width/Duty Cycle
Pulse width high is the minimum amount of time that the
encode pulse should be left in Logic 1 state to achieve rated
performance; pulse width low is the minimum time that the
encode pulse should be left in low state. At a given clock rate,
these specifications define an acceptable encode duty cycle.
Integral Nonlinearity (INL)
The deviation of the transfer function from a reference line
measured in fractions of 1 LSB using a best straight line
determined by a least square curve fit.
Harmonic Distortion
The ratio of the rms signal amplitude to the rms value of the
worst harmonic component.
Maximum Conversion Rate
The encode rate at which parametric testing is performed.
Minimum Conversion Rate
The encode rate at which the SNR of the lowest analog signal
frequency drops by no more than 3 dB below the guaranteed limit.
Output Propagation Delay
The delay between the 50% point of the rising edge of the
ENCODE command and the time when all output data bits
are within valid logic levels.
Power Supply Rejection Ratio (PSRR)
The ratio of a change in output offset voltage to a change in
power supply voltage.
Signal-to-Noise and Distortion (SINAD)
The ratio of the rms signal amplitude (set at 1 dB below full
scale) to the rms value of the sum of all other spectral
components, including the first five harmonics and dc. Can be
reported in dBc (that is, degrades as signal level is lowered) or
in dBFS (always related back to converter full scale).
Signal-to-Noise Ratio (SNR)
The ratio of the rms signal amplitude (set at 1 dB below full scale)
to the rms value of the sum of all other spectral components,
excluding the first five harmonics and dc. Can be reported in dBc
(that is, degrades as signal level is lowered) or in dBFS (always
related back to converter full scale).
Spurious-Free Dynamic Range (SFDR)
The ratio of the rms signal amplitude to the rms value of the peak
spurious spectral component. The peak spurious component may
or may not be an harmonic. Can be reported in dBc (such as,
degrades as signal level is lowered) or in dBFS (always related
back to converter full scale).
Two-Tone Intermodulation Distortion Rejection (IMD)
Ratio of the rms value of either input tone to the rms value of the
worst third-order intermodulation product; reported in dBc.
Voltage Standing-Wave Ratio (VSWR)
The ratio of the amplitude of the elective field at a voltage
maximum to that at an adjacent voltage minimum.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn