Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10678 Datasheet(PDF) 11 Page - Analog Devices

Part No. AD10678
Description  16-Bit, 80 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10678 Datasheet(HTML) 11 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Preliminary Technical Data
AD10678
Rev. C | Page 11 of 20
FREQUENCY (MHz)
150.0
1.0
15.9
30.8
45.7
60.6
75.5
90.4 105.3 120.2 135.1
–3.00
0
–0.90
–1.20
–1.50
–1.80
–0.30
–0.60
–2.10
–2.40
–2.70
AIN = –1dB
Figure 17. Gain Flatness
FREQUENCY (MHz)
1k
0.1
1
10
100
1.0
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
VSWR
Figure 18. Analog Input VSWR
FUNDAMENTAL LEVEL (dBFS)
0
–80
–70
–60
–50
–40
–30
–20
–10
0
100
90
80
70
60
50
40
30
20
10
SNR 2.5MHz
SNR 10MHz
SFDR 2.5MHz
SFDR 30MHz
SFDR 70MHz
SFDR 10MHz
SNR 70MHz
SNR 30MHz
Figure 19. SFDR and SNR vs. Analog Input Level
ANALOG INPUT FREQUENCY (MHz)
70
0
102030405060
76
100
94
82
88
SFDR
SNR
Figure 20. SFDR and SNR vs. Analog Input Frequency


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn