Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10678 Datasheet(PDF) 10 Page - Analog Devices

Part No. AD10678
Description  16-Bit, 80 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10678 Datasheet(HTML) 10 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD10678
Rev. C | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
40
015
30
520
35
10
25
–130
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
ENCODE = 80MSPS
AIN = 2.5MHz
SNR = 80.79dBFS
SFDR = 97.22dBFS
Figure. 11. Single-Tone at 2.5 MHz
FREQUENCY (MHz)
40
015
30
520
35
10
25
–130
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
ENCODE = 80MSPS
AIN = 10MHz
SNR = 80.76dBFS
SFDR = 94.81dBFS
Figure 12. Single-Tone at 10 MHz
FREQUENCY (MHz)
40
015
30
520
35
10
25
–130
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
ENCODE = 80MSPS
AIN = 32MHz
SNR = 80.18dBFS
SFDR = 91.8dBFS
Figure 13. Single-Tone at 32 MHz
FREQUENCY (MHz)
40
015
30
520
35
10
25
–130
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
ENCODE = 80MSPS
AIN = 70MHz
SNR = 78.31dBFS
SFDR = 87.64dBFS
Figure 14. Single-Tone at 70 MHz
FREQUENCY (MHz)
40
015
30
520
35
10
25
–130
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
ENCODE = 80MSPS
AIN = 10.1MHz AND 12.1MHz
IMD = 98.25dBFS
Figure 15. Two-Tone at 10.1 MHz and 12.1 MHz
FREQUENCY (MHz)
40
015
30
520
35
10
25
–130
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
ENCODE = 80MSPS
AIN = 70MHz AND 72MHz
IMD = 87.5dBFS
Figure 16. Two-Tone at 70 MHz and 72 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn