Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10678 Datasheet(PDF) 1 Page - Analog Devices

Part No. AD10678
Description  16-Bit, 80 MSPS A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10678 Datasheet(HTML) 1 Page - Analog Devices

  AD10678_15 Datasheet HTML 1Page - Analog Devices AD10678_15 Datasheet HTML 2Page - Analog Devices AD10678_15 Datasheet HTML 3Page - Analog Devices AD10678_15 Datasheet HTML 4Page - Analog Devices AD10678_15 Datasheet HTML 5Page - Analog Devices AD10678_15 Datasheet HTML 6Page - Analog Devices AD10678_15 Datasheet HTML 7Page - Analog Devices AD10678_15 Datasheet HTML 8Page - Analog Devices AD10678_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
16-Bit, 80 MSPS A/D Converter
AD10678
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
80 MSPS sample rate
80 dBFS signal-to-noise ratio
Transformer-coupled analog input
Single PECL clock source
Digital outputs
True binary format
3.3 V and 5 V CMOS-compatible
APPLICATIONS
Low signature radar
Medical imaging
Communications instrumentation
Instrumentation
Antenna array processing
GENERAL DESCRIPTION
The AD10678 is a 16-bit, high performance, analog-to-digital
converter (ADC) for applications that demand increased SNR
levels. Exceptional noise performance and a typical signal-to-
noise ratio of 80 dBFS are obtained by digitally postprocessing
the outputs of four ADCs. A single analog input and PECL
sampling clock and 3.3 V and 5 V power supplies are required.
The AD10678 is assembled using a 0.062-inch laminate board
with three sets of connector interface pads to accommodate
analog and digital isolation. Analog Devices recommends
using the FSI-110-03-G-D-AD-K-TR connector from Samtec.
The overall board fits a 2.2 inch × 2.8 inch PCB specified from
0°C to 70°C.
FUNCTIONAL BLOCK DIAGRAM
AD10678
ANALOG
POWER
CLOCK DISTRIBUTION
CIRCUIT
DIGITAL POWER
ENCODE ENCODE
OUTPUT
DATA
BITS
AGND
ADC
ADC
ADC
ADC
AGND
DGND
DGND
3.3VE
3.3V
5VA
AIN
AIN
DOUT0
DOUT15
14
14
14
14
DRY
DIGITAL
POST-
PROCES-
SING
Figure 1.
PRODUCT HIGHLIGHTS
1.
Guaranteed sample rate of 80 MSPS.
2.
Input signal conditioning with optimized noise
performance.
3.
Fully tested and guaranteed performance.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn