Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AK-330101-020-S Datasheet(PDF) 2 Page - Assmann Electronics Inc.

Part No. AK-330101-020-S
Description  HDMI High Speed connection cable, type A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK-330101-020-S Datasheet(HTML) 2 Page - Assmann Electronics Inc.

  AK-330101-020-S Datasheet HTML 1Page - Assmann Electronics Inc. AK-330101-020-S Datasheet HTML 2Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 Datasheet - Page 1
HDMI High Speed connection cable, type A/M - type A/M
4016032295006
AK-330101-020-S
HDMI High Speed connection cable, type A
M/M, 2.0m, former HDMI 1.3, UL, bl
Supports Full HD and 3D
This Full HD and 3D supporting cable used for connection of audio/video devices such as Blu-ray player, game pads or
consoles, etc., for example, with a TV, Monitor or Computer.
l
 Connector 1: HDMI type A, plug
l
 Connector 2: HDMI type A, plug
l
 HDMI Standard: Highspeed HDMI
l
 UL certified: UL20276
l
 HDTV Standard: 1080p
l
 HDTV Resolution max.: 1920 x 1080 Pixel, 60Hz
l
 Hoods: molded
l
 Shielding: double shielding
l
 Wire material: CU
l
 AWG: 30
l
 Connector surface: nickel-plated
l
 Color cable: black
l
 Color connector: black
l
 Length: 2 m
l
 Packaging: Polybag
 Datasheet - Page 2
HDMI High Speed connection cable, type A/M - type A/M
4016032295006
AK-330101-020-S
Country of origin: China
Logistics
Number
(pcs)
Weight
(kg)
Depth
(cm)
Width
(cm)
Height
(cm)
cm
³
Packaging Unit Carton
100
12,00
46,00
33,00
26,00
39468,00
Packaging Unit Inside
10
1,20
35,00
24,00
6,00
5040,00
Packaging Unit Single
1
0,12
18,00
15,00
2,00
540,00
Net single without Packaging
1
0,00
0,00
0,00
0,00
0,00
www.assmann.com
2 / 2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn