Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG20N120CND Datasheet(PDF) 2 Page - Intersil Corporation

Part # HGTG20N120CND
Description  63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG20N120CND Datasheet(HTML) 2 Page - Intersil Corporation

  HGTG20N120CND Datasheet HTML 1Page - Intersil Corporation HGTG20N120CND Datasheet HTML 2Page - Intersil Corporation HGTG20N120CND Datasheet HTML 3Page - Intersil Corporation HGTG20N120CND Datasheet HTML 4Page - Intersil Corporation HGTG20N120CND Datasheet HTML 5Page - Intersil Corporation HGTG20N120CND Datasheet HTML 6Page - Intersil Corporation HGTG20N120CND Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
HGTG20N120CND
UNITS
Collector to Emitter Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . BVCES
1200
V
Collector Current Continuous
At TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
C25
63
A
At TC = 110
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
C110
30
A
Collector Current Pulsed (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ICM
160
A
Gate to Emitter Voltage Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGES
±20
V
Gate to Emitter Voltage Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGEM
±30
V
Switching Safe Operating Area at TJ = 150
oC (Figure 2) . . . . . . . . . . . . . . . . . . . . SSOA
100A at 1200V
Power Dissipation Total at TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P
D
390
W
Power Dissipation Derating TC > 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.12
W/oC
Operating and Storage Junction Temperature Range . . . . . . . . . . . . . . . . . . . . .TJ, TSTG
-55 to 150
oC
Maximum Lead Temperature for Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
260
oC
Short Circuit Withstand Time (Note 2) at VGE = 15V. . . . . . . . . . . . . . . . . . . . . . . . . . tSC
8
µs
Short Circuit Withstand Time (Note 2) at VGE = 12V. . . . . . . . . . . . . . . . . . . . . . . . . . tSC
15
µs
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Pulse width limited by maximum junction temperature.
2. VCE(PK) = 960V, TJ = 125
oC, R
G = 3Ω.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Collector to Emitter Breakdown Voltage
BVCES
IC = 250µA, VGE = 0V
1200
-
-
V
Emitter to Collector Breakdown Voltage
BVECS
IC = 10mA, VGE = 0V
15
-
-
V
Collector to Emitter Leakage Current
ICES
VCE = BVCES
TC = 25
oC
-
-
250
µA
TC = 125
oC
-
450
-
µA
TC = 150
oC-
-
6
mA
Collector to Emitter Saturation Voltage
VCE(SAT)
IC = 20A,
VGE = 15V
TC = 25
oC
-
2.1
2.4
V
TC = 150
oC
-
2.9
3.5
V
Gate to Emitter Threshold Voltage
VGE(TH)
IC = 150µA, VCE = VGE
6.0
6.9
-
V
Gate to Emitter Leakage Current
IGES
VGE = ±20V
-
-
±250
nA
Switching SOA
SSOA
TJ = 150
oC, R
G = 3Ω, VGE = 15V,
L = 200
µH, VCE(PK) = 1200V
100
-
-
A
Gate to Emitter Plateau Voltage
VGEP
IC = 20A, VCE = 0.5 BVCES
-
10.2
-
V
On-State Gate Charge
QG(ON)
IC = 20A,
VCE = 0.5 BVCES
VGE = 15V
-
155
200
nC
VGE = 20V
-
200
250
nC
Current Turn-On Delay Time
td(ON)I
IGBT and Diode at TJ = 25
oC
ICE = 20A
VCE = 0.8 BVCES
VGE = 15V
RG = 3Ω
L = 1mH
Test Circuit (Figure 20)
-23
28
ns
Current Rise Time
trI
-17
22
ns
Current Turn-Off Delay Time
td(OFF)I
-
200
240
ns
Current Fall Time
tfI
-
220
270
ns
Turn-On Energy
EON
-
2.0
2.5
mJ
Turn-Off Energy (Note 3)
EOFF
-
2.8
3.3
mJ
HGTG20N120CND


Similar Part No. - HGTG20N120CND

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG20N120CND FAIRCHILD-HGTG20N120CND Datasheet
121Kb / 8P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

Similar Description - HGTG20N120CND

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG20N120CND FAIRCHILD-HGTG20N120CND Datasheet
121Kb / 8P
   63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG10N120BND INTERSIL-HGTG10N120BND Datasheet
82Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG5N120CND INTERSIL-HGTG5N120CND Datasheet
87Kb / 7P
   25A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG18N120BND FAIRCHILD-HGTG18N120BND_07 Datasheet
1Mb / 8P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG11N120CND INTERSIL-HGTG11N120CND Datasheet
82Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG10N120BND FAIRCHILD-HGTG10N120BND Datasheet
110Kb / 8P
   35A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG18N120BND INTERSIL-HGTG18N120BND Datasheet
95Kb / 7P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP2N120BND INTERSIL-HGTP2N120BND Datasheet
87Kb / 7P
   12A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120BND INTERSIL-HGTP1N120BND Datasheet
75Kb / 7P
   5.3A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTP1N120CND INTERSIL-HGTP1N120CND Datasheet
80Kb / 7P
   6.2A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com