Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTG18N120BN Datasheet(PDF) 5 Page - Intersil Corporation

Part # HGTG18N120BN
Description  54A, 1200V, NPT Series N-Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTG18N120BN Datasheet(HTML) 5 Page - Intersil Corporation

  HGTG18N120BN Datasheet HTML 1Page - Intersil Corporation HGTG18N120BN Datasheet HTML 2Page - Intersil Corporation HGTG18N120BN Datasheet HTML 3Page - Intersil Corporation HGTG18N120BN Datasheet HTML 4Page - Intersil Corporation HGTG18N120BN Datasheet HTML 5Page - Intersil Corporation HGTG18N120BN Datasheet HTML 6Page - Intersil Corporation HGTG18N120BN Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FIGURE 11. TURN-OFF DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 12. FALL TIME vs COLLECTOR TO EMITTER
CURRENT
FIGURE 13. TRANSFER CHARACTERISTIC
FIGURE 14. GATE CHARGE WAVEFORMS
FIGURE 15. CAPACITANCE vs COLLECTOR TO EMITTER
VOLTAGE
FIGURE 16. COLLECTOR TO EMITTER ON-STATE VOLTAGE
Typical Performance Curves Unless Otherwise Specified (Continued)
10
20
5
200
15
100
150
ICE, COLLECTOR TO EMITTER CURRENT (A)
30
350
250
300
40
35
RG = 3Ω, L = 1mH, VCE = 960V
25
VGE = 12V, VGE = 15V, TJ = 25
oC
VGE = 12V, VGE = 15V, TJ = 150
oC
ICE, COLLECTOR TO EMITTER CURRENT (A)
10
5
25
100
150
15
50
200
250
30
20
40
35
RG = 3Ω, L = 1mH, VCE = 960V
125
75
175
225
25
TJ = 25
oC, V
GE = 12V OR 15V
TJ = 150
oC, V
GE = 12V OR 15V
0
50
13
68
9
10
12
VGE, GATE TO EMITTER VOLTAGE (V)
11
100
150
14
15
200
TC = 25
oC
TC = 150
oC
TC = -55
oC
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VCE = 20V
7
QG, GATE CHARGE (nC)
5
20
0
0
100
50
150
VCE = 400V
VCE = 800V
IG(REF) = 2mA, RL = 33.3Ω, TC = 25
oC
VCE = 1200V
10
15
200
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
5
10
15
20
25
0
1
CIES
2
4
5
6
FREQUENCY = 1MHz
3
COES
CRES
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
10
25
01
0
2
5
30
DUTY CYCLE < 0.5%, TC = 110
oC
PULSE DURATION = 250
µs
20
15
34
VGE = 10V
5
VGE = 15V OR 12V
HGTG18N120BN


Similar Part No. - HGTG18N120BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG18N120BN FAIRCHILD-HGTG18N120BN Datasheet
112Kb / 8P
   54A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTG18N120BND INTERSIL-HGTG18N120BND Datasheet
95Kb / 7P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG18N120BND FAIRCHILD-HGTG18N120BND Datasheet
1Mb / 8P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG18N120BND FAIRCHILD-HGTG18N120BND_07 Datasheet
1Mb / 8P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

Similar Description - HGTG18N120BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG18N120BN FAIRCHILD-HGTG18N120BN Datasheet
112Kb / 8P
   54A, 1200V, NPT Series N-Channel IGBT
HGTG18N120BND FAIRCHILD-HGTG18N120BND_07 Datasheet
1Mb / 8P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG18N120BND INTERSIL-HGTG18N120BND Datasheet
95Kb / 7P
   54A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
   1200V NPT SERIES N-CHANNEL IGBT
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD2N120CNS INTERSIL-HGTD2N120CNS Datasheet
89Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG27N120BN INTERSIL-HGTG27N120BN Datasheet
82Kb / 7P
   72A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
HGTG11N120CN FAIRCHILD-HGTG11N120CN Datasheet
138Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com