Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTP7N60C3 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HGTP7N60C3
Description  14A, 600V, UFS Series N-Channel IGBTs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTP7N60C3 Datasheet(HTML) 1 Page - Intersil Corporation

  HGTP7N60C3 Datasheet HTML 1Page - Intersil Corporation HGTP7N60C3 Datasheet HTML 2Page - Intersil Corporation HGTP7N60C3 Datasheet HTML 3Page - Intersil Corporation HGTP7N60C3 Datasheet HTML 4Page - Intersil Corporation HGTP7N60C3 Datasheet HTML 5Page - Intersil Corporation HGTP7N60C3 Datasheet HTML 6Page - Intersil Corporation HGTP7N60C3 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
File Number
4141.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000
HGTD7N60C3S, HGTP7N60C3
14A, 600V, UFS Series N-Channel IGBTs
The HGTD7N60C3S and HGTP7N60C3 are MOS gated
high voltage switching devices combining the best features
of MOSFETs and bipolar transistors. These devices have
the high input impedance of a MOSFET and the low on-state
conduction loss of a bipolar transistor. The much lower
on-state voltage drop varies only moderately between 25oC
and 150oC.
The IGBT is ideal for many high voltage switching
applications operating at moderate frequencies where low
conduction losses are essential, such as: AC and DC motor
controls, power supplies and drivers for solenoids, relays
and contactors.
Formerly Developmental Type TA49115.
Symbol
Features
• 14A, 600V at TC = 25
oC
• 600V Switching SOA Capability
• Typical Fall Time . . . . . . . . . . . . . . . . 140ns at TJ = 150
oC
• Short Circuit Rating
• Low Conduction Loss
Packaging
JEDEC TO-220AB
JEDEC TO-252AA
Ordering Information
PART NUMBER
PACKAGE
BRAND
HGTD7N60C3S
TO-252AA
G7N60C
HGTP7N60C3
TO-220AB
G7N60C3
NOTE: When ordering, use the entire part number. Add the suffix 9A
to obtain the TO-252AA variant in tape and reel, i.e.
HGTD7N60C3S9A.
C
E
G
GATE
EMITTER
COLLECTOR
COLLECTOR (FLANGE)
GATE
EMITTER
COLLECTOR
(FLANGE)
INTERSIL CORPORATION IGBT PRODUCT IS COVERED BY ONE OR MORE OF THE FOLLOWING U.S. PATENTS
4,364,073
4,417,385
4,430,792
4,443,931
4,466,176
4,516,143
4,532,534
4,587,713
4,598,461
4,605,948
4,620,211
4,631,564
4,639,754
4,639,762
4,641,162
4,644,637
4,682,195
4,684,413
4,694,313
4,717,679
4,743,952
4,783,690
4,794,432
4,801,986
4,803,533
4,809,045
4,809,047
4,810,665
4,823,176
4,837,606
4,860,080
4,883,767
4,888,627
4,890,143
4,901,127
4,904,609
4,933,740
4,963,951
4,969,027
Data Sheet
January 2000


Similar Part No. - HGTP7N60C3

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTP7N60C3 HARRIS-HGTP7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGTP7N60C3 FAIRCHILD-HGTP7N60C3 Datasheet
166Kb / 8P
   14A, 600V, UFS Series N-Channel IGBTs
HGTP7N60C3D FAIRCHILD-HGTP7N60C3D Datasheet
197Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTP7N60C3D INTERSIL-HGTP7N60C3D Datasheet
176Kb / 7P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
logo
Fairchild Semiconductor
HGTP7N60C3D FAIRCHILD-HGTP7N60C3D Datasheet
547Kb / 9P
   14A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
More results

Similar Description - HGTP7N60C3

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD7N60B3S INTERSIL-HGTD7N60B3S Datasheet
92Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTD7N60C3S FAIRCHILD-HGTD7N60C3S Datasheet
166Kb / 8P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGT1S20N60B3S INTERSIL-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
   6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTG12N60B3 FAIRCHILD-HGTG12N60B3 Datasheet
247Kb / 8P
   27A, 600V, UFS Series N-Channel IGBTs
HGTP12N60C3 FAIRCHILD-HGTP12N60C3 Datasheet
131Kb / 7P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTP7N60B3D INTERSIL-HGTP7N60B3D Datasheet
94Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs with Anti-Parallel Hyperfast Diode
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com