Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1464-Y14 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1464-Y14
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1464-Y14 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1464-Y14 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1464-Y14 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1464-Y14 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
2SA1464
Features
High fT : fT =400MHz
Complementary to 2SC3739
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-60
Collector - Emitter Voltage
VCEO
-40
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-500
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-60
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB=0
-40
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -40 V , IE=0
-0.1
Emitter cut-off current
IEBO
VEB= -4V , IC=0
-0.1
Collector-emitter saturation voltage *
VCE(sat) IC=-500 mA, IB=-50 mA
-0.45 -0.75
Base - emitter saturation voltage
*
VBE(sat) IC=-500 mA, IB=-50 mA
-1
-1.3
hFE(1)
VCE= -2V, IC= -150mA
75
140
300
hFE(2)
VCE=- 2V, IC= -500mA
20
50
Turn-on time
ton
35
Storage time
tstg
225
Turn -off time
toff
255
Collector output capacitance
Cob
VCB= -10V, IE= 0,f=1MHz
5
8
pF
Transition frequency
fT
VCE= -10V, IE= 20mA
150
400
MHz
VCC=-30V IC= -150mA,
IB1=-IB2= -15mA
ns
DC current gain *
V
V
uA
* : Pulsed:PW ≤ 350us,Duty Cycle ≤ 2℅
Classification of hfe(1)
Type
2SA1464-Y12
2SA1464-Y13
2SA1464-Y14
Range
75-150
100-200
150-300
Marking
Y12
Y13
Y14
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02


Similar Part No. - 2SA1464-Y14

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1464-Y14 KEXIN-2SA1464-Y14 Datasheet
1Mb / 3P
   PNP Transistors
2SA1464-Y14-HF KEXIN-2SA1464-Y14-HF Datasheet
1Mb / 3P
   PNP Transistors
2SA1464-Y14-HF KEXIN-2SA1464-Y14-HF Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SA1464-Y14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com