Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTD3N60B3S Datasheet(PDF) 4 Page - Intersil Corporation

Part # HGTD3N60B3S
Description  7A, 600V, UFS Series N-Channel IGBTs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTD3N60B3S Datasheet(HTML) 4 Page - Intersil Corporation

  HGTD3N60B3S Datasheet HTML 1Page - Intersil Corporation HGTD3N60B3S Datasheet HTML 2Page - Intersil Corporation HGTD3N60B3S Datasheet HTML 3Page - Intersil Corporation HGTD3N60B3S Datasheet HTML 4Page - Intersil Corporation HGTD3N60B3S Datasheet HTML 5Page - Intersil Corporation HGTD3N60B3S Datasheet HTML 6Page - Intersil Corporation HGTD3N60B3S Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FIGURE 5. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 6. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 7. TURN-ON ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 8. TURN-OFF ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 9. TURN-ON DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 10. TURN-ON RISE TIME vs COLLECTOR TO
EMITTER CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
PULSE DURATION = 250
µs
DUTY CYCLE <0.5%, VGE = 10V
TC = -55
oC
TC = 150
oC
TC = 25
oC
012345
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
2
4
6
8
6789
10
14
12
10
DUTY CYCLE <0.5%, VGE = 15V
PULSE DURATION = 250
µs
TC = 150
oC
TC = -55
oC
TC = 25
oC
0123
4
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
25
10
15
20
56789
10
5
30
0.5
0.3
ICE, COLLECTOR TO EMITTER CURRENT (A)
0.4
0.2
0.1
0
8
5
23
RG = 82Ω, L = 1mH, VCE = 480V
TJ = 25
oC, T
J = 150
oC, V
GE = 10V
TJ = 25
oC, T
J = 150
oC, V
GE = 15V
7
6
4
1
0.6
0.7
ICE, COLLECTOR TO EMITTER CURRENT (A)
0.1
0.2
0.3
0.4
0
8
6
4
2
357
1
0.5
0.6
RG = 82Ω, L = 1mH, VCE = 480V
TJ = 150
oC; V
GE = 10V OR 15V
TJ = 25
oC; V
GE = 10V OR 15V
ICE, COLLECTOR TO EMITTER CURRENT (A)
10
4
258
1
15
20
25
30
35
40
RG = 82Ω, L = 1mH, VCE = 480V
TJ = 25
oC, T
J = 150
oC, V
GE = 10V
TJ = 25
oC, T
J = 150
oC, V
GE = 15V
7
6
3
45
ICE, COLLECTOR TO EMITTER CURRENT (A)
2
10
30
20
40
50
70
60
36
8
1
TJ = 25
oC, T
J = 150
oC, V
GE = 10V
80
7
5
4
RG = 82Ω, L = 1mH, VCE = 480V
TJ = 25
oC, T
J = 150
oC, V
GE = 15V
HGTD3N60B3S, HGT1S3N60B3S, HGTP3N60B3


Similar Part No. - HGTD3N60B3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTD3N60A4 FAIRCHILD-HGTD3N60A4 Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTD3N60A4S INTERSIL-HGTD3N60A4S Datasheet
156Kb / 10P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
HGTD3N60C3S HARRIS-HGTD3N60C3S Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
More results

Similar Description - HGTD3N60B3S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT1S20N60B3S INTERSIL-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
   6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGTG12N60B3 FAIRCHILD-HGTG12N60B3 Datasheet
247Kb / 8P
   27A, 600V, UFS Series N-Channel IGBTs
HGTP12N60C3 FAIRCHILD-HGTP12N60C3 Datasheet
131Kb / 7P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD7N60C3S INTERSIL-HGTD7N60C3S Datasheet
144Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
HGTP12N60B3 INTERSIL-HGTP12N60B3 Datasheet
112Kb / 7P
   27A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTD7N60C3S FAIRCHILD-HGTD7N60C3S Datasheet
166Kb / 8P
   14A, 600V, UFS Series N-Channel IGBTs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com