Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGTD3N60A4S Datasheet(PDF) 9 Page - Intersil Corporation

Part # HGTD3N60A4S
Description  600V, SMPS Series N-Channel IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGTD3N60A4S Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HGTD3N60A4S Datasheet HTML 2Page - Intersil Corporation HGTD3N60A4S Datasheet HTML 3Page - Intersil Corporation HGTD3N60A4S Datasheet HTML 4Page - Intersil Corporation HGTD3N60A4S Datasheet HTML 5Page - Intersil Corporation HGTD3N60A4S Datasheet HTML 6Page - Intersil Corporation HGTD3N60A4S Datasheet HTML 7Page - Intersil Corporation HGTD3N60A4S Datasheet HTML 8Page - Intersil Corporation HGTD3N60A4S Datasheet HTML 9Page - Intersil Corporation HGTD3N60A4S Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
HGTD3N60A4S, HGT1S3N60A4S, HGTP3N60A4
TO-263AB
SURFACE MOUNT JEDEC TO-263AB PLASTIC PACKAGE
TO-263AB
24mm TAPE AND REEL
MINIMUM PAD SIZE RECOMMENDED FOR
SURFACE-MOUNTED APPLICATIONS
E
A1
A
H1
D
L
b
e
e1
L2
b1
L1
c
TERM. 4
13
1
3
L3
b2
TERM. 4
0.450
0.350
0.150
(3.81)
0.080 TYP (2.03)
0.700
(11.43)
(8.89)
(17.78)
0.062 TYP (1.58)
J1
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.170
0.180
4.32
4.57
-
A1
0.048
0.052
1.22
1.32
4, 5
b
0.030
0.034
0.77
0.86
4, 5
b1
0.045
0.055
1.15
1.39
4, 5
b2
0.310
-
7.88
-
2
c
0.018
0.022
0.46
0.55
4, 5
D
0.405
0.425
10.29
10.79
-
E
0.395
0.405
10.04
10.28
-
e
0.100 TYP
2.54 TYP
7
e1
0.200 BSC
5.08 BSC
7
H1
0.045
0.055
1.15
1.39
-
J1
0.095
0.105
2.42
2.66
-
L
0.175
0.195
4.45
4.95
-
L1
0.090
0.110
2.29
2.79
4, 6
L2
0.050
0.070
1.27
1.77
3
L3
0.315
-
8.01
-
2
NOTES:
1. These dimensions are within allowable dimensions of Rev. C of
JEDEC TO-263AB outline dated 2-92.
2. L3 and b2 dimensions established a minimum mounting surface
for terminal 4.
3. Solder finish uncontrolled in this area.
4. Dimension (without solder).
5. Add typically 0.002 inches (0.05mm) for solder plating.
6. L1 is the terminal length for soldering.
7. Position of lead to be measured 0.120 inches (3.05mm) from bottom
of dimension D.
8. Controlling dimension: Inch.
9. Revision 10 dated 5-99.
2.0mm
4.0mm
1.75mm
1.5mm
DIA. HOLE
C
L
USER DIRECTION OF FEED
16mm
24mm
330mm
100mm
13mm
30.4mm
24.4mm
COVER TAPE
GENERAL INFORMATION
1. 800 PIECES PER REEL.
2. ORDER IN MULTIPLES OF FULL REELS ONLY.
3. MEETS EIA-481 REVISION "A" SPECIFICATIONS.
ACCESS HOLE
40mm MIN.


Similar Part No. - HGTD3N60A4S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
More results

Similar Description - HGTD3N60A4S

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60A4 INTERSIL-HGTG30N60A4 Datasheet
92Kb / 8P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A_04 Datasheet
191Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG30N60A4 FAIRCHILD-HGTG30N60A4 Datasheet
178Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG40N60A4 INTERSIL-HGTG40N60A4 Datasheet
93Kb / 8P
   600V, SMPS Series N-Channel IGBT
April 2000
HGTP12N60A4 INTERSIL-HGTP12N60A4 Datasheet
115Kb / 10P
   600V, SMPS Series N-Channel IGBT
May 1999
logo
Unisonic Technologies
UGP7N60 UTC-UGP7N60 Datasheet
170Kb / 3P
   600V, SMPS N-CHANNEL IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com