Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR502A104DARTR1 Datasheet(PDF) 1 Page - AVX Corporation

Part # SR502A104DARTR1
Description  Radial Leads/SkyCap/SR Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR502A104DARTR1 Datasheet(HTML) 1 Page - AVX Corporation

  SR502A104DARTR1 Datasheet HTML 1Page - AVX Corporation SR502A104DARTR1 Datasheet HTML 2Page - AVX Corporation SR502A104DARTR1 Datasheet HTML 3Page - AVX Corporation SR502A104DARTR1 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
15
Radial Leads/SkyCap
®/SR Series
See Note
See Note
Dimensions: Millimeters (Inches)
Note: Coating clean .784 (0.031) min.
above seating plane
Styles SR15, SR20,
SR30, SR40, SR50
Style SR21
Styles SR22, SR27
W
Max.
W
Max.
W
Max.
Max.
T
Max.
T
Max.
T
L.S.
.762 (0.030)
L.S.
.762 (0.030)
L.S.
.762 (0.030)
H Max.
H Max.
H Max.
1.0" Min.
1.0" Min.
1.0" Min.
LD
Nom.
LD
Nom.
LD
Nom.
1.52 (0.060)
Max.
AVX SR Series
Conformally Coated Radial Leaded MLC
Temperature Coefficients: C0G (NP0), X7R, Z5U
200, 100, 50 Volts (300V, 400V & 500V also available)
Case Material: Epoxy
Lead Material: RoHS Compliant, 100% Tin
XXX
X X X
FRONT
XXX
A XX
BACK
Capacitance Code
Tolerance Code
Voltage Code
Temp. Char. Code
3 Digit Date Code
Lot Code
AVX Logo
Quantity per Bag
SR15, 20, 21, 22, 27, 30
1000 Pieces
SR40, 50
500 Pieces
Note: SR15, SR20, SR21, SR30, and SR40 available on tape and reel per EIA
specifications RS-468. See Pages 34 and 35.
GENERAL INFORMATION
MARKING
PACKAGING REQUIREMENTS
HOW TO ORDER
SR21
AVX Style
SR15
SR20
SR21
SR22
SR27
SR30
SR40
SR50
5
Voltage
5 = 50V
1 = 100V
2 = 200V
9 = 300V
8 = 400V
7 = 500V
E
Temperature
Coefficient
A = C0G (NP0)
C = X7R
E = Z5U
104
Capacitance
First two digits are the
significant figures of
capacitance. Third digit
indicates the additional
number of zeros. For
example, order 100,000
pF as 104. (For values
below 10pF use “R” in
place of decimal point,
e.g., 1R4 = 1.4pF.)
M
Capacitance
Tolerance
C0G (NP0):
C = ±.25pF
D = ±.5pF
F = ±1%
(>50pF only)
G = ±2%
(>25pF only)
J = ±5%
K = ±10%
X7R:
J = ±5%
K = ±10%
M = ±20%
Z5U:
M = ±20%
Z = +80%
-20%
A
Failure Rate
A = Not Applicable
R
Leads
R = RoHS
Long Lead
1.0" minimum
Drawings are for illustrative purposes only.
Actual lead form shape could vary within stated tolerances based on body size.
TR1
Packaging
Blank = Bulk Packaging
T = Trimmed Leads
.230"± .030"
Bulk packaging
TR1 = Tape and Reel
Packaging
AP1 = Ammopack
Packaging
See packaging specification
page 34-35.


Similar Part No. - SR502A104DARTR1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR502A104JAT AVX-SR502A104JAT Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results

Similar Description - SR502A104DARTR1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR215C104KAR AVX-SR215C104KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR152A3R0CAR AVX-SR152A3R0CAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap /SR Series
SR212A220JAA AVX-SR212A220JAA Datasheet
169Kb / 1P
   Radial Leads/SkyCap/SR Series
SR211C105KAR AVX-SR211C105KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR151A101JAA AVX-SR151A101JAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR201C104KAR AVX-SR201C104KAR Datasheet
262Kb / 8P
   Radial Leads/SkyCap
SR305C474KAR AVX-SR305C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR215C104KAATR1 AVX-SR215C104KAATR1 Datasheet
267Kb / 8P
   Radial Leads/SkyCap
SR301C474KAR AVX-SR301C474KAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com