Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S20N60B3S Datasheet(PDF) 1 Page - Intersil Corporation

Part # HGT1S20N60B3S
Description  40A, 600V, UFS Series N-Channel IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HGT1S20N60B3S Datasheet(HTML) 1 Page - Intersil Corporation

  HGT1S20N60B3S Datasheet HTML 1Page - Intersil Corporation HGT1S20N60B3S Datasheet HTML 2Page - Intersil Corporation HGT1S20N60B3S Datasheet HTML 3Page - Intersil Corporation HGT1S20N60B3S Datasheet HTML 4Page - Intersil Corporation HGT1S20N60B3S Datasheet HTML 5Page - Intersil Corporation HGT1S20N60B3S Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
File Number
3723.6
HGT1S20N60B3S, HGTP20N60B3,
HGTG20N60B3
40A, 600V, UFS Series N-Channel IGBTs
The HGT1S20N60B3S, the HGTP20N60B3 and the
HGTG20N60B3 are Generation III MOS gated high voltage
switching devices combining the best features of MOSFETs
and bipolar transistors. These devices have the high input
impedance of a MOSFET and the low on-state conduction
loss of a bipolar transistor. The much lower on-state voltage
drop varies only moderately between 25oC and 150oC.
The IGBT is ideal for many high voltage switching
applications operating at moderate frequencies where low
conduction losses are essential, such as: AC and DC motor
controls, power supplies and drivers for solenoids, relays
and contactors.
Formerly developmental type TA49050.
Symbol
Features
• 40A, 600V at TC = 25
oC
• 600V Switching SOA Capability
• Typical Fall Time . . . . . . . . . . . . . . . . . . . . 140ns at 150oC
• Short Circuit Rated
• Low Conduction Loss
• Related Literature
- TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”
Packaging
JEDEC TO-263AB
JEDEC TO-220AB (ALTERNATE VERSION)
JEDEC STYLE TO-247
Ordering Information
PART NUMBER
PACKAGE
BRAND
HGTP20N60B3
TO-220AB
G20N60B3
HGT1S20N60B3S
TO-263AB
G20N60B3
HGTG20N60B3
TO-247
HG20N60B3
NOTE: When ordering, use the entire part number. Add the suffix 9A
to obtain the TO-263AB in tape and reel, i.e., HGT1S20N60B3S9A.
C
E
G
COLLECTOR
(FLANGE)
E
G
G
COLLECTOR
(FLANGE)
E
C
G
C
E
COLLECTOR
(FLANGE)
INTERSIL CORPORATION IGBT PRODUCT IS COVERED BY ONE OR MORE OF THE FOLLOWING U.S. PATENTS
4,364,073
4,417,385
4,430,792
4,443,931
4,466,176
4,516,143
4,532,534
4,587,713
4,598,461
4,605,948
4,620,211
4,631,564
4,639,754
4,639,762
4,641,162
4,644,637
4,682,195
4,684,413
4,694,313
4,717,679
4,743,952
4,783,690
4,794,432
4,801,986
4,803,533
4,809,045
4,809,047
4,810,665
4,823,176
4,837,606
4,860,080
4,883,767
4,888,627
4,890,143
4,901,127
4,904,609
4,933,740
4,963,951
4,969,027
Data Sheet
January 2000
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000


Similar Part No. - HGT1S20N60B3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
More results

Similar Description - HGT1S20N60B3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
HGTG20N60B3 FAIRCHILD-HGTG20N60B3 Datasheet
223Kb / 7P
   40A, 600V, UFS Series N-Channel IGBTs
HGTG20N60C3R FAIRCHILD-HGTG20N60C3R Datasheet
107Kb / 6P
   40A, 600V, Rugged UFS Series N-Channel IGBTs
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
   6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGTG12N60B3 FAIRCHILD-HGTG12N60B3 Datasheet
247Kb / 8P
   27A, 600V, UFS Series N-Channel IGBTs
HGTP12N60C3 FAIRCHILD-HGTP12N60C3 Datasheet
131Kb / 7P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD7N60C3S INTERSIL-HGTD7N60C3S Datasheet
144Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
HGTP12N60B3 INTERSIL-HGTP12N60B3 Datasheet
112Kb / 7P
   27A, 600V, UFS Series N-Channel IGBTs
January 2000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com