Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB0604 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # OPB0604
Description  Silicon Photo Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

OPB0604 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  OPB0604 Datasheet HTML 1Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Silicon Photo Transistor
1. Structure
1.1 Chip Size : 0.60mm X 0.45mm
1.2 Chip thickness : 220±30um
1.3 Metallization : Top - Al, Bottom - Au
1.4 Passivation : Silicon Nitride
1.5 Bonding Pad Size
- Emitter : 130um
- Base : 60um X 60um
2. Electro-Optical Characteristics
(Ta=25℃)
Symbol
Min
Typ
Max
Unit
Condition
ICEO
500
nA
VCE=10V
λp
880
nm
λ
nm
*Parallel light of 1,000lux illumination is applied by a tungsten lamp of 2856K.
3. Guaranteed Probed Electrical Characteristics
(Ta=25℃)
Symbol
Min
Typ
Max
Unit
BVCEO
60
V
BVCBO
90
V
BVEBO
6.5
V
BVECO
5V
ICEO
50
nA
VCES
300
mV
tr/tf
us
hFE
400
1,600
-
4. Maximum Ratings
(Ta=25℃)
Symbol
Rating
Unit
VCEO
30
V
VECO
5V
TJ
150
Eoyang factory,513-5 Eoyang-dong, Iksan, 570-210, Korea
Tel.
+82 63 839 1111
Fax.
+82 63 835 8259
www.auk.co.kr
Emitter-Collector Voltage
Collector-Emitter Voltage
OPB0604
ICE=500uA
Condition
15/15(Typ)
Parameter
C-E Voltage
E-C Voltage
C-E Leakage Current
VCE=10V, Ic=1mA
DC Current Gain
VCE=5V, IC=1mA,
RL-1000Ω
IC=5mA, IB=1mA
VCE=10V
IEC=50uA
500~1,050
Spectrum Sensitivity
ICB=50uA
ICE=50uA
AUK Corp.
Peak Sensing Wavelength
C-E Leakage Current
Parameter
Rise/Fall Time
C-E Saturation Voltage
E-B Voltage
C-B Voltage
Parameter
Junction Temperature
: Emitter Electrode
: Base Electrode


Similar Part No. - OPB0604

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
OPB0606 KODENSHI-OPB0606 Datasheet
119Kb / 1P
   Silicon Photo Transistor
More results

Similar Description - OPB0604

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KDT5001A_0604 KODENSHI-KDT5001A_0604 Datasheet
541Kb / 2P
   Silicon photo transistor
OPB0462 KODENSHI-OPB0462 Datasheet
139Kb / 1P
   Silicon Photo Transistor
OPB0606 KODENSHI-OPB0606 Datasheet
119Kb / 1P
   Silicon Photo Transistor
logo
Yellow Stone Corp
BPT-BP0331 YSTONE-BPT-BP0331 Datasheet
395Kb / 1P
   SILICON PHOTO TRANSISTOR
logo
KODENSHI_AUK CORP.
OPB0808 KODENSHI-OPB0808 Datasheet
102Kb / 1P
   Silicon Photo Transistor
OPB0505P KODENSHI-OPB0505P Datasheet
67Kb / 1P
   Silicon Photo Transistor
OPB1104 KODENSHI-OPB1104 Datasheet
104Kb / 1P
   Silicon Photo Transistor
KDT5002A KODENSHI-KDT5002A Datasheet
404Kb / 3P
   Silicon photo transistor
OPB0642 KODENSHI-OPB0642 Datasheet
100Kb / 1P
   Silicon Photo Transistor
KDT3002A KODENSHI-KDT3002A Datasheet
240Kb / 2P
   Silicon photo transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com