Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3861B Datasheet(PDF) 19 Page - Intersil Corporation

Part # HFA3861B
Description  Direct Sequence Spread Spectrum Baseband Processor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3861B Datasheet(HTML) 19 Page - Intersil Corporation

Back Button HFA3861B Datasheet HTML 15Page - Intersil Corporation HFA3861B Datasheet HTML 16Page - Intersil Corporation HFA3861B Datasheet HTML 17Page - Intersil Corporation HFA3861B Datasheet HTML 18Page - Intersil Corporation HFA3861B Datasheet HTML 19Page - Intersil Corporation HFA3861B Datasheet HTML 20Page - Intersil Corporation HFA3861B Datasheet HTML 21Page - Intersil Corporation HFA3861B Datasheet HTML 22Page - Intersil Corporation HFA3861B Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
19
Clock Offset Tracking Performance
The PRISM baseband processor is designed to accept
data clock offsets of up to ±25ppm for each end of the link
(TX and RX). This effects both the acquisition and the
tracking performance of the demodulator. The budget for
clock offset error is 0.75dB at ±50ppm. No appreciable
degradation was seen for operation in AWGN at ±50ppm.
Carrier Offset Frequency Performance
The correlators used for acquisition for all modes and for
demodulation in the 1 and 2Mbps modes are time invariant
matched filter correlators otherwise known as parallel
correlators. They use two samples per chip and are tapped
at every other shift register stage. Their performance with
carrier frequency offsets is determined by the phase roll rate
due to the offset. For an offset of +50ppm (combined for both
TX and RX) will cause the carrier to phase roll 22.5 degrees
over the length of the correlator. This causes a loss of
0.22dB in correlation magnitude which translates directly to
Eb/N0 performance loss. In the PRISM chip design, the
carrier phase locked loop is inactive during acquisition.
During tracking, the carrier tracking loop corrects for offset,
so that no degradation is noted. In the presence of high
multipath and high SNR, however, some degradation is
expected.
FIGURE 14. BER vs Eb/N0 PERFORMANCE FOR PSK MODES
FIGURE 15. BER vs Eb/N0 PERFORMANCE FOR CCK MODES
789
10
11
12
Eb/N0
1.E+00
1.E-03
1.E-04
1.E-05
1.E-07
1.E-08
1.E-02
1.E-06
1.E-01
BER 1.0
BER 2.0
THY 1, 2
14
13
12
11
10
9
8
7
6
5
Eb/N0
1.E+00
1.E-03
1.E-04
1.E-05
1.E-07
1.E-08
1.E-02
1.E-06
1.E-01
1.E-09
BER 11
BER 5.5
THY 5.5
THY 11
HFA3861B


Similar Part No. - HFA3861B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3861A INTERSIL-HFA3861A Datasheet
440Kb / 37P
   Direct Sequence Spread Spectrum Baseband Processo
HFA3861AIN INTERSIL-HFA3861AIN Datasheet
440Kb / 37P
   Direct Sequence Spread Spectrum Baseband Processo
HFA3861AIN96 INTERSIL-HFA3861AIN96 Datasheet
440Kb / 37P
   Direct Sequence Spread Spectrum Baseband Processo
HFA3861IV INTERSIL-HFA3861IV Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
More results

Similar Description - HFA3861B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3863 INTERSIL-HFA3863 Datasheet
305Kb / 39P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Harris Corporation
HSP3824 HARRIS-HSP3824 Datasheet
276Kb / 41P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Intersil Corporation
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3824A INTERSIL-HFA3824A Datasheet
271Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
August 1998
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860 INTERSIL-HFA3860 Datasheet
250Kb / 40P
   11 Mbps Direct Sequence Spread Spectrum Baseband Processor
July 1998
HFA3861A INTERSIL-HFA3861A Datasheet
440Kb / 37P
   Direct Sequence Spread Spectrum Baseband Processo
logo
List of Unclassifed Man...
TRW-24DSMCU ETC2-TRW-24DSMCU Datasheet
498Kb / 8P
   2.4G Direct Sequence Spread Spectrum RF Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
   2.4GHz Direct Sequence Spread Spectrum RF Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com