Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9949 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9949
Description  12-Bit CCD Signal Processor with Precision Timing Core
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9949 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9949_15 Datasheet HTML 2Page - Analog Devices AD9949_15 Datasheet HTML 3Page - Analog Devices AD9949_15 Datasheet HTML 4Page - Analog Devices AD9949_15 Datasheet HTML 5Page - Analog Devices AD9949_15 Datasheet HTML 6Page - Analog Devices AD9949_15 Datasheet HTML 7Page - Analog Devices AD9949_15 Datasheet HTML 8Page - Analog Devices AD9949_15 Datasheet HTML 9Page - Analog Devices AD9949_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9949
Rev. B | Page 6 of 36
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
With
Respect to
Rating
AVDD and TCVDD
AVSS
−0.3 V to +3.9 V
HVDD and RGVDD
HVSS,
RGVSS
−0.3 V to +3.9 V
DVDD and DRVDD
DVSS,
DRVSS
−0.3 V to +3.9 V
Any VSS
Any VSS
−0.3 V to +0.3 V
Digital Outputs
DRVSS
−0.3 V to DRVDD + 0.3 V
CLPOB/PBLK and HBLK
DVSS
−0.3 V to DVDD + 0.3 V
SCK, SL, and SDATA
DVSS
−0.3 V to DVDD + 0.3 V
RG
RGVSS
−0.3 V to RGVDD + 0.3 V
H1 to H4
HVSS
−0.3 V to HVDD + 0.3 V
REFT, REFB, and CCDIN
AVSS
−0.3 V to AVDD + 0.3 V
Junction Temperature
150°C
Lead Temperature (10 s)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may affect device
reliability.
THERMAL CHARACTERISTICS
Thermal Resistance
40-Lead LFCSP Package: θJA = 27°C/W1.
1 θJA is measured using a 4-layer PCB with the exposed paddle soldered to the
board.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy elec-
trostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation
or loss of functionality.


Similar Part No. - AD9949_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9949AKCPZ AD-AD9949AKCPZ Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9949AKCPZRL AD-AD9949AKCPZRL Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9949KCP AD-AD9949KCP Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9949KCPRL AD-AD9949KCPRL Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9949KCPZ AD-AD9949KCPZ Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
More results

Similar Description - AD9949_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9949 AD-AD9949 Datasheet
713Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9971 AD-AD9971 Datasheet
67Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpA
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979 Datasheet
62Kb / 2P
   14-Bit, CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
AD9948 AD-AD9948 Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
AD9992 AD-AD9992 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com