Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9937 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9937
Description  CCD Signal Processor with Precision Timing Generator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9937 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9937_15 Datasheet HTML 3Page - Analog Devices AD9937_15 Datasheet HTML 4Page - Analog Devices AD9937_15 Datasheet HTML 5Page - Analog Devices AD9937_15 Datasheet HTML 6Page - Analog Devices AD9937_15 Datasheet HTML 7Page - Analog Devices AD9937_15 Datasheet HTML 8Page - Analog Devices AD9937_15 Datasheet HTML 9Page - Analog Devices AD9937_15 Datasheet HTML 10Page - Analog Devices AD9937_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
REV. 0
AD9937
–7–
TERMINOLOGY
Differential Nonlinearity (DNL)
An ideal ADC exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Thus, every
code must have a finite width. No missing codes guaranteed to
10-bit resolution indicates that all 1024 codes must be present
over all operating conditions.
Peak Nonlinearity
Peak nonlinearity, a full signal chain specification, refers to the
peak deviation of the output of the AD9937 from a true straight
line. The point used as zero scale occurs 1/2 LSB before the first
code transition. Positive full scale is defined as a level 1 1/2 LSB
beyond the last code transition. The deviation is measured from
the middle of each particular output code to the true straight line.
The error is then expressed as a percentage of the 2 V ADC full-
scale signal. The input signal is always appropriately gained up
to fill the ADC’s full-scale range.
Total Output Noise
The rms output noise is measured using histogram techniques.
The standard deviation of the ADC output codes is calculated
in LSB and represents the rms noise level of the total signal
chain at the specified gain setting. The output noise can be
converted to an equivalent voltage, using the relationship
12
LSB
ADC Full Scale
codes
N
=
()
where N is the bit resolution of the ADC. For the AD9937, 1 LSB
is 1.95 mV.
Power Supply Rejection (PSR)
The PSR is measured with a step change applied to the supply
pins. This represents a very high frequency disturbance on the
AD9937’s power supply. The PSR specification is calculated
from the change in the data outputs for a given step change in
the supply voltage.
EQUIVALENT CIRCUITS
R
AVDD
AVSS
AVSS
Figure 1. CCDIN
DVDD
DVSS
DRVSS
DRVDD
TRISTATEOUT
DATA
DOUT
Figure 2. Digital Data Outputs
330
DVDD
DVSS
Figure 3. Digital Inputs
HVDD1, HVDD2,
OR RSVDD
HVSS1, HVSS2,
OR RSVSS
ENABLE
RS,
H1 (A–D),
H2 (A, B)
OUTPUT
Figure 4. H1(A–D), H2(A, B), and RS Drivers


Similar Part No. - AD9937_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9937KCP AD-AD9937KCP Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937KCPRL AD-AD9937KCPRL Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
More results

Similar Description - AD9937_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9898 AD-AD9898_15 Datasheet
562Kb / 52P
   CCD Signal Processor with Precision Timing Generator
REV. 0
AD9898 AD-AD9898 Datasheet
518Kb / 52P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9937 AD-AD9937 Datasheet
399Kb / 44P
   CCD Signal Processor with Precision Timing??Generator
REV. 0
AD9929 AD-AD9929 Datasheet
558Kb / 64P
   CCD Signal Processor with Precision Timing Generator
REV. A
AD9970 AD-AD9970 Datasheet
66Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpA
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
   14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9991 AD-AD9991_15 Datasheet
836Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9992 AD-AD9992 Datasheet
775Kb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9991 AD-AD9991 Datasheet
770Kb / 60P
   10-Bit CCD Signal Processor with Precision Timing ??Generator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com