Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3860B Datasheet(PDF) 24 Page - Intersil Corporation

Part # HFA3860B
Description  Direct Sequence Spread Spectrum Baseband Processor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3860B Datasheet(HTML) 24 Page - Intersil Corporation

Back Button HFA3860B Datasheet HTML 20Page - Intersil Corporation HFA3860B Datasheet HTML 21Page - Intersil Corporation HFA3860B Datasheet HTML 22Page - Intersil Corporation HFA3860B Datasheet HTML 23Page - Intersil Corporation HFA3860B Datasheet HTML 24Page - Intersil Corporation HFA3860B Datasheet HTML 25Page - Intersil Corporation HFA3860B Datasheet HTML 26Page - Intersil Corporation HFA3860B Datasheet HTML 27Page - Intersil Corporation HFA3860B Datasheet HTML 28Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
4-24
RSSI (14)
3-BIT
A/D
IIN (12)
QIN (13)
6-BIT
A/D
REF
1.75V
0.25V
VREFP (16)
VREFN (17)
VR3+
VR3-
RSSI
REF
3
3
MF CORRELATOR
MF CORRELATOR
CLEAR CHANNEL
ASSESSMENT/
(32) CCA
BIT
SYNC
PHASE
ROTATE
PSK
DEMOD
LEAD
/LAG
FILTER
NCO
PHASE
ERROR
RX_DATA
DESCRAMBLER
(35) RXD
(3) TXD
(36) RXCLK
Z -1
XOR
DIFF
DECODER
d(t)
d(t-1)
ANALOG
DE-SPREADER/ACQUISITION
DPSK DEMOD
AND AFC
TIMING
GENERATOR
8
8
SIGNAL
QUALITY
AND
RSSI
(10, 18, 20)
VDD (ANALOG)
(7, 21, 29, 42)
VDD (DIGITAL)
(11, 15, 19)
GND (ANALOG)
(6, 22, 31, 41)
GND (DIGITAL)
(4) TXCLK
(5) TX_RDY
(2) TX_PE
(33) RX_PE
(34) MD_RDY
ANTSEL (27)
(24) SCLK
(25) SD
(23) SDI
(8) R/W
(9) CS
(30)
MCLK
(28)
RESET
(38)
(37)
(39) (40) (43) (44) (45) (46)
TEST PORT
TEST_CK
(1)
A/D REF
LEVEL ADJ.
MAG. /
PHASE
AND
TIMING
DISTRIB.
SIGNAL QUALITY
MCLK
8
2V
(MAX)
(MIN)
3-BIT
A/D
11-BIT BARKER
11-BIT BARKER
AND
SIN/COS
ROM
COMPLX
MULTIPLY
CARRIER
PHASE
DETECT
NCO
WALSH
CORREL
LEAD
/LAG
FILTER
CHIP
PHASE
DETECT
TIMING
LOOP
SYMBOL
DECISION
SIGN
CORRECT,
CLOCK
ENABLE
FILTER
LOGIC
PISO
HIGH RATE SECTION
PHASE AND FREQ JAM
ANTSEL (26)
FIGURE 15. DSSS BASEBAND PROCESSOR, RECEIVE SECTION
DIFF.
DECODE
HFA3860B


Similar Part No. - HFA3860B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3860 INTERSIL-HFA3860 Datasheet
250Kb / 40P
   11 Mbps Direct Sequence Spread Spectrum Baseband Processor
July 1998
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860AIV INTERSIL-HFA3860AIV Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860AIV96 INTERSIL-HFA3860AIV96 Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860IV INTERSIL-HFA3860IV Datasheet
250Kb / 40P
   11 Mbps Direct Sequence Spread Spectrum Baseband Processor
July 1998
More results

Similar Description - HFA3860B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
HFA3863 INTERSIL-HFA3863 Datasheet
305Kb / 39P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Harris Corporation
HSP3824 HARRIS-HSP3824 Datasheet
276Kb / 41P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Intersil Corporation
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3824A INTERSIL-HFA3824A Datasheet
271Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
August 1998
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860 INTERSIL-HFA3860 Datasheet
250Kb / 40P
   11 Mbps Direct Sequence Spread Spectrum Baseband Processor
July 1998
HFA3861A INTERSIL-HFA3861A Datasheet
440Kb / 37P
   Direct Sequence Spread Spectrum Baseband Processo
logo
List of Unclassifed Man...
TRW-24DSMCU ETC2-TRW-24DSMCU Datasheet
498Kb / 8P
   2.4G Direct Sequence Spread Spectrum RF Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
   2.4GHz Direct Sequence Spread Spectrum RF Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com