Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3860 Datasheet(PDF) 30 Page - Intersil Corporation

Part # HFA3860
Description  11 Mbps Direct Sequence Spread Spectrum Baseband Processor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3860 Datasheet(HTML) 30 Page - Intersil Corporation

Back Button HFA3860 Datasheet HTML 26Page - Intersil Corporation HFA3860 Datasheet HTML 27Page - Intersil Corporation HFA3860 Datasheet HTML 28Page - Intersil Corporation HFA3860 Datasheet HTML 29Page - Intersil Corporation HFA3860 Datasheet HTML 30Page - Intersil Corporation HFA3860 Datasheet HTML 31Page - Intersil Corporation HFA3860 Datasheet HTML 32Page - Intersil Corporation HFA3860 Datasheet HTML 33Page - Intersil Corporation HFA3860 Datasheet HTML 34Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
4-
30
CONFIGURATION REGISTER 14 ADDRESS (38h) ED OR RSSI THRESHOLD
Bit 7:6
R/W, But Not Used Internally
Bits 5:0
This register contains the value for the RSSI threshold for measuring and generating energy detect (ED). When the RSSI
exceeds the threshold ED is declared. ED indicates the presence of energy in the channel.
To disable the ED signal so that it has no affect on the CCA logic, the threshold must be set to a 3Fh (all ones).
MSB
LSB
Bits (0:5)
5 4 3 2 1 0
0 0 0 0 0 0
00h (Min)
RSSI_STAT
1 1 1 1 1 1
3Fh (Max)
CONFIGURATION REGISTER 15 ADDRESS (3Ch) SFD TIMER
Bits 7:0
This register is programmed with an 8-bit value which represents the length of time for the demodulator to search for a SFD
in a receive Header. Each bit increment represents 1 symbol period. Failure to find the SFD will result in a return to
acquisition mode.
CONFIGURATION REGISTER 16 ADDRESS (40h) SIGNAL FIELD DBPSK
Bits 7:0
This register contains an 8-bit value defining the data packet modulation as DBPSK. This value will be a OAH for 802.11,
and is used in the transmitted Signalling Field of the header. This value will also be used for detecting the modulation type
on the received Header.
CONFIGURATION REGISTER 17 ADDRESS (44h) SIGNAL FIELD DQPSK
Bits 7:0
This register contains the 8-bit value defining the data packet modulation as DQPSK. This value will be a 14h for full protocol
operation at a data rate of 2 Mbps and is used in the transmitted Signalling Field of the header. This value will also be used
for detecting the modulation type on the received header.
CONFIGURATION REGISTER 18 ADDRESS (48h) SIGNAL FIELD BMBOK
Bits 7:0
This register contains the 8-bit value defining the data packet modulation as BMBOK. This value will be a 37h for operation
at a data rate of 5.5 Mbps and is used in the transmitted Signalling Field of the header. This value will also be used for
detecting the modulation type on the received header.
CONFIGURATION REGISTER 19 ADDRESS (4Ch) SIGNAL FIELD QMBOK
Bits 7:0
This register contains the 8-bit value defining the data packet modulation as QMBOK. This value will be a 6Eh for operation
at a data rate of 11 Mbps and is used in the transmitted Signalling Field of the header. This value will also be used for
detecting the modulation type on the received header.
CONFIGURATION REGISTER 20 ADDRESS (50h) TX SIGNAL FIELD
Bits 7:2
R/W, But Not Used Internally
Bits 1:0
TX data Rate. must be set at least 2
µs before needed in TX frame. This selects TX signal field code from the registers above.
00 = DBPSK - 11 chip sequence (1 Mbps)
01 = DQPSK - 11 chip sequence (2 Mbps)
10 = BMBOK - modified 8 chip Walsh sequence (5.5 Mbps)
11 = QMBOK - modified 8 chip Walsh sequence (11 Mbps)
CONFIGURATION REGISTER 21 ADDRESS (54h) TX SERVICE FIELD
Bits 7:0
This 8-bit register is programmed with the 8-bit value of the Service field to be transmitted in the Header. This field is reserved
for future use and should always be set to 00h.
HFA3860


Similar Part No. - HFA3860

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860AIV INTERSIL-HFA3860AIV Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860AIV96 INTERSIL-HFA3860AIV96 Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3860BIV INTERSIL-HFA3860BIV Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
More results

Similar Description - HFA3860

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
HFA3863 INTERSIL-HFA3863 Datasheet
305Kb / 39P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Harris Corporation
HSP3824 HARRIS-HSP3824 Datasheet
276Kb / 41P
   Direct Sequence Spread Spectrum Baseband Processor
logo
Intersil Corporation
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3824A INTERSIL-HFA3824A Datasheet
271Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
August 1998
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3861A INTERSIL-HFA3861A Datasheet
440Kb / 37P
   Direct Sequence Spread Spectrum Baseband Processo
logo
List of Unclassifed Man...
TRW-24DSMCU ETC2-TRW-24DSMCU Datasheet
498Kb / 8P
   2.4G Direct Sequence Spread Spectrum RF Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
   2.4GHz Direct Sequence Spread Spectrum RF Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com