Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA3841CN Datasheet(PDF) 4 Page - Intersil Corporation

Part # HFA3841CN
Description  Wireless LAN Medium Access Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3841CN Datasheet(HTML) 4 Page - Intersil Corporation

  HFA3841CN Datasheet HTML 1Page - Intersil Corporation HFA3841CN Datasheet HTML 2Page - Intersil Corporation HFA3841CN Datasheet HTML 3Page - Intersil Corporation HFA3841CN Datasheet HTML 4Page - Intersil Corporation HFA3841CN Datasheet HTML 5Page - Intersil Corporation HFA3841CN Datasheet HTML 6Page - Intersil Corporation HFA3841CN Datasheet HTML 7Page - Intersil Corporation HFA3841CN Datasheet HTML 8Page - Intersil Corporation HFA3841CN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
Radio Interface and General Purpose Port Pins
PIN NAME
PIN NUMBER
PIN I/O TYPE
DESCRIPTION OF FUNCTION
(IF OTHER THAN IO PORT)
TXD
17
CMOS Output, 2mA, 50K Pull Down
Transmit data out
TXC
18
5V tol, CMOS, BiDir 2mA, ST
Transmit clock in/out
RXD
19
CMOS Input
Receive data in
RXC
20
CMOS Input, ST
Receive clock in
PJ0
31
CMOS BiDir, 2mA, ST, 50K Pull Down
MMI serial clock in/out
PJ1
30
CMOS BiDir, 2mA, 50K Pull Down
MMI serial data in/out
PJ2
32
CMOS BiDir, 2mA, 50K Pull Down
MMI serial data read/write control, or data output
PJ3
29
CMOS BiDir, 2mA
MMI device enable
PJ4
65
CMOS BiDir, 2mA
PJ5
8
CMOS BiDir, 2mA, 50K Pull Up
PJ6
7
CMOS BiDir, 2mA
PJ7
9
CMOS BiDir, 2mA, 50K Pull Up
PK0
35
CMOS BiDir, 2mA, ST, 50K Pull Down
PK1
34
CMOS BiDir, 2mA, 50K Pull Down
PK2
33
CMOS BiDir, 2mA, 50K Pull Down
PK3
63
CMOS BiDir, 2mA
PK4
64
CMOS BiDir, 2mA
PK5
21
CMOS BiDir, 2mA
MDREADY - PHY or MAC data available (in)
PK6
22
CMOS BiDir, 2mA
Medium busy (CCA from PHY)
PK7
23
CMOS BiDir, 2mA
PL0
15
CMOS BiDir, 2mA
Transmitter enable
PL1
27
CMOS BiDir, 2mA
Receiver enable (or PHY sleep control)
PL2
26
CMOS BiDir, 2mA
PL3
28
CMOS BiDir, 2mA
PL4
43
CMOS BiDir, 2mA
MBUS address bit 19
PL5
12
CMOS BiDir, 2mA, 50K Pull Up MBUS address bit
20
PL6
11
CMOS BiDir, 2mA
MBUS address bit 21 or PHY control I/O
PL7
93
CMOS BiDir, 2mA
Transmitter ready
Clocks
PIN NAME
PIN NUMBER
PIN I/O TYPE
DESCRIPTION
XTALI
40
CMOS Input, ST
Crystal or external clock input (at >= 2X desired
MCLK frequency)
XTALO
41
CMOS Output, 2mA
Crystal output
CLKOUT
38
CMOS, TS Output, 2mA
Clock output (selectable as OSC or MCLK)
TCLKIN
10
CMOS Input, ST, 50K Pull Down
Timebase Reference Clock Input
Preliminary - HFA3841


Similar Part No. - HFA3841CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842AIN INTERSIL-HFA3842AIN Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842AIN-TK INTERSIL-HFA3842AIN-TK Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842B INTERSIL-HFA3842B Datasheet
519Kb / 26P
   PCMCIA/USB Wireless LAN Medium Access Controller
More results

Similar Description - HFA3841CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3842 INTERSIL-HFA3842 Datasheet
512Kb / 26P
   Wireless LAN Medium Access Controller
HFA3842A INTERSIL-HFA3842A Datasheet
528Kb / 27P
   PCMCIA/USB Wireless LAN Medium Access Controller
HFA3842B INTERSIL-HFA3842B Datasheet
519Kb / 26P
   PCMCIA/USB Wireless LAN Medium Access Controller
ISL3873A INTERSIL-ISL3873A Datasheet
778Kb / 42P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3873 INTERSIL-ISL3873 Datasheet
215Kb / 31P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871A INTERSIL-ISL3871A Datasheet
37Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3871IK18 INTERSIL-ISL3871IK18 Datasheet
28Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3886 INTERSIL-ISL3886 Datasheet
43Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
ISL3880 INTERSIL-ISL3880 Datasheet
113Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
logo
International Rectifier
ISL3893 IRF-ISL3893 Datasheet
108Kb / 1P
   Wireless LAN Integrated Medium Access Controller with Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com