Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA3841 Datasheet(PDF) 21 Page - Intersil Corporation

Part No. HFA3841
Description  Wireless LAN Medium Access Controller
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HFA3841 Datasheet(HTML) 21 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
SYNTHESIZER
For the PRISM II, the synthesizer is programmed by
firmware using different pins than the MMI. The HFA3841
will exchange data with the baseband during transmit and
receive operations over the MMI interface. If the MMI
interface was connected to the front end chips, the
transitions on SCLK and SD could couple noise into them.
The synthesizer serial bus consists of SYNTHDATA,
SYNTHCLK, LE_IF and LE_RF. SYNTHDATA is on pin PK2,
SYNTHCLK is on PK1, LE_IF is the enable for the HFA3783
Quad IF chip, and LE_RF is the enable for the HFA3683
synthesizer.
Data is provided on SYNTHDATA and clock on SYNTHCLK.
The data is updated the falling edge of SYNTHCLK and
expected to be latched into the synthesizer on the rising
edge. The enable signal LE_RF is asserted while data is
clocked out.
PHY Data Interface (MDI)
The HFA3841 has a dedicated serial port to provide the data
interface to the baseband processor. This is referred to as
the Modem Data Interface (MDI). The MDI operates on the
data being transferred to and from the baseband on a word
by word basis. There are no FIFOs needed, since the
firmware is able to control the protocol in real time.
The MDI performs the following functions:
• Serial to parallel conversion of received data from the
baseband, with synchronization between the incoming RX
clock to the internal HFA3841 clock.
• Generating CRCs (HEC and FCS) from the received data
stream to verify correct reception.
• Decrypt the received data when WEP is enabled.
• Parallel to serial conversion of transmit data, with the
serial timing synchronized with the TX clock.
• Insertion of the CRCs (HEC and FCS) at the appropriate
point during transmission.
• Encrypt the transmitted data when WEP is enabled.
The receive data path uses RX_RDY, RXC, RXD. The
transmit data path uses TX_RDY, TXC, TXD and the CCA
input to determine (under the IEEE802.11 protocol) whether
to transmit.
tSCP
tSCW
tSCW
tSCS
tSCH
tSCD
tSCED
tSCED
SCLK
SDI, R/W, SD, CS
SD (AS OUTPUT)
R/W
SD
FIGURE 18. BBP CONTROL PORT SIGNAL TIMING
TABLE 1. BBP CONTROL PORT AC ELECTRICAL
SPECIFICATIONS
PARAMETER
SYMBOL
MIN
MAX
UNITS
SCLK Clock Period
tSCP
90
-
ns
SCLK Width Hi or Low
tSCW
20
-
ns
Setup to SCLK + Edge
(SD, SDI, R/W, CS)
tSCS
30
-
ns
Hold Time from SCLK +
Edge (SD, SDI, R/W, CS)
tSCH
0-
ns
SD Out Delay from SCLK +
Edge
tSCD
-30
ns
SD Out Enable/Disable
from R/W
tSCED
-15
ns
FIGURE 19. SYNTHESIZER DATA FORMAT
LE_RF
SYNTHCLK
SYNTHDATA
D23
D22
D21
D20
D1
D0
Preliminary - HFA3841


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn