Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA3841 Datasheet(PDF) 10 Page - Intersil Corporation

Part No. HFA3841
Description  Wireless LAN Medium Access Controller
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HFA3841 Datasheet(HTML) 10 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
Waveforms
FIGURE 1. CLOCK SIGNAL TIMING
NOTE:
10. Timing delays between OSC and internal clocks are shown for information purposes only.
FIGURE 2. MBUS MEMORY TIMING - 11MHz MCLK
OSC
tH1
tD1
tCYC
MCLK
(INTERNAL)
tH1
10ns
44MHz
23ns
11MHz
91ns
OSC
MCLK
(INTERNAL)
QCLK
(INTERNAL)
23ns
11.5ns
17ns
24ns
17ns
13ns
16ns
20ns
MBUS READ CYCLE
MBUS WRITE CYCLE
VALID DATA
tH≥0
tH≥0
MCLKOUT
ADDRESS,
RAMCS_
MOE_
MD0-15
READ DATA
MWEH/L_
MD0-15,
WRITE DATA
VALID DATA AT MDIN
(NOTE 10)
Preliminary - HFA3841


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn