Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA3841 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. HFA3841
Description  Wireless LAN Medium Access Controller
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA3841 Datasheet(HTML) 5 Page - Intersil Corporation

  HFA3841 Datasheet HTML 1Page - Intersil Corporation HFA3841 Datasheet HTML 2Page - Intersil Corporation HFA3841 Datasheet HTML 3Page - Intersil Corporation HFA3841 Datasheet HTML 4Page - Intersil Corporation HFA3841 Datasheet HTML 5Page - Intersil Corporation HFA3841 Datasheet HTML 6Page - Intersil Corporation HFA3841 Datasheet HTML 7Page - Intersil Corporation HFA3841 Datasheet HTML 8Page - Intersil Corporation HFA3841 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
Power
PIN NAME
PIN NUMBER
PIN I/O TYPE
DESCRIPTION
VCC_CORE3
14, 25, 39, 53
3.3V Core Supply
VCC_IO3
66, 83, 98. 124
3.3V I/O Supply
VCC_IO5
105
5V Tolerance Supply
VSS_CORE3
13, 24, 37
Core VSS
VSS_IO3
42, 52, 67, 82, 97, 115
I/O VSS
TRST-
62
CMOS Input
Reserved - Must be tied low through 1K
ST = Schmitt Trigger (Hysteresis), TS = Three-State. Signals ending with “-” are active low.
NOTE: Output pins typically drive to positive voltage rail less 0.1V. Hence with a supply of 2.7V the output will just meet 5V TTL signal levels at
rated loads.
Port Pin Uses for PRISM Application
PIN
NAME
PRISM I USE
PRISM II™ USE
20
RXC
RXC - Receive clock
RXC - Receive clock
19
RXD
RXD - Receive data
RXD - Receive data
18
TXC
TXC - Transmit clock
TXC - Transmit clock
17
TXD
TXD - Transmit data
TXD - Transmit data
31
PJ0
SCLK - Clock for the SD serial bus.
SCLK - Clock for the SD serial bus.
30
PJ1
SD - Serial bi-directional data bus
SD - Serial bi-directional data bus
32
PJ2
R/W - An input to the HFA3860A used to change
the direction of the SD bus when reading or writing
data on the SD bus.
Not Used
29
PJ3
CS - A Chip select for the device to activate the se-
rial control port. (active low)
CS_BAR - Chip select for HFA3861 baseband
(active low)
65
PJ4
Not Used
PE1 - Power Enable 1
8
PJ5
SYNTH_LE - Latches a frame of 22 bits after it has
been shifted by the SCLK into the synthesizer reg-
isters.
LE_IF - Load enable for HFA3783 Quad IF
7
PJ6
LED - Activity indicator
LED - Activity indicator
9
PJ7
Not Used
RADIO_PE - RF power enable
35
PK0
Not Used
LE_RF - Load enable for HFA3983 RF chip
34
PK1
Not Used
SYNTHCLK - Serial clock to front end chips
33
PK2
Not Used
SYNTHDATA - Serial data to front end chips
63
PK3
TX_PE_RF - Power Enable
PA_PE - Transmit PA power enable
64
PK4
RX_PE_RF - Power Enable
PE2 - Power Enable 2
21
PK5
MD_RDY - Header data and data packet are ready
to be transferred from Baseband on RXD
MDREADY - Header data and data packet are
ready to be transferred from Baseband on RXD
22
PK6
CCA - Signal that the channel is clear to transmit.
CCA - Signal that the channel is clear to transmit.
23
PK7
RADIO_PE - Master power control for the RF
section
CAL_EN - Calibration mode enable
15
PL0
TX_PE and PA_PE - Transmit Enable to Baseband TX_PE - Transmit Enable to Baseband
27
PL1
RX_PE - Receive Enable to Baseband
RX_PE - Receive Enable to Baseband
26
PL2
RESET - Reset to Baseband
RESET_BB - Reset Baseband
28
PL3
Not Used
T/R-SW_BAR - Transient/Receive Control (Inverted)
43
PL4
MA19 (if required)
MA19 (if required)
12
PL5
MA20 (if required)
MA20 (if required)
11
PL6
MA21 (if required)
Reserved
93
PL7
TX_RDY - Baseband ready to receive data on TXD
(not used by firmware)
T/R_SW - Transmit/Receive Control
Preliminary - HFA3841


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn