Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9879 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9879
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9879_15 Datasheet HTML 2Page - Analog Devices AD9879_15 Datasheet HTML 3Page - Analog Devices AD9879_15 Datasheet HTML 4Page - Analog Devices AD9879_15 Datasheet HTML 5Page - Analog Devices AD9879_15 Datasheet HTML 6Page - Analog Devices AD9879_15 Datasheet HTML 7Page - Analog Devices AD9879_15 Datasheet HTML 8Page - Analog Devices AD9879_15 Datasheet HTML 9Page - Analog Devices AD9879_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9879
Rev. A | Page 6 of 32
Parameter
Temp
Test Level
Min
Typ
Max
Unit
Signal-to-Noise Ratio (SNR)
Full
II
46.2
57.2
Bits
Total Harmonic Distortion (THD)
Full
II
−50.1
−44.5
dB
Spurious-Free Dynamic Range (SFDR)
Full
II
44.9
53.4
dB
CHANNEL-TO-CHANNEL ISOLATION
Tx DAC-to-ADC Isolation (AOUT = 5 MHz)
Isolation Between Tx and IQ ADCs
25°C
III
>60
dB
Isolation Between Tx and 10-Bit ADC
25°C
III
>80
dB
Isolation Between Tx and 12-Bit ADC
25°C
III
>80
dB
ADC-to-ADC (AIN = –0.5 dBFS, f = 5 MHz)
Isolation Between IF10 and IF12 ADCs
25°C
III
>85
dB
Isolation Between Q and I Inputs
25°C
III
>50
dB
TIMING CHARACTERISTICS (10 pF Load)
Minimum RESET Pulse Width Low (tRL)
N/A
N/A
5
tMCLK cycles
Digital Output Rise/Fall Time
Full
II
2.8
4
ns
Tx/Rx Interface
MCLK Frequency (fMCLK)
Full
II
66
MHz
TxSYNC/TxIQ Setup Time (tSU)
Full
II
3
ns
TxSYNC/TxIQ Hold Time (tHD)
Full
II
3
ns
MCLK Rising Edge to
RxSYNC/RxIQ/IF Valid Delay (tMD)
Full
II
0
1.0
ns
REFCLK Rising or Falling Edge to
RxSYNC/RxIQ/IF Valid Delay (tOD)
Full
II
TOSC/4 – 2.0
TOSC/4 + 3.0
ns
REFCLK Edge to MCLK Falling Edge (tEE)
Full
II
−1.0
+1.0
ns
Serial Control Bus
Maximum SCLK Frequency (fSCLK)
Full
II
15
MHz
Minimum Clock Pulse Width High (tPWH)
Full
II
30
ns
Minimum Clock Pulse Width Low (tPWL)
Full
II
30
ns
Maximum Clock Rise/Fall Time
Full
II
1
ms
Minimum Data/Chip-Select Setup Time (tDS)
Full
II
25
ns
Minimum Data Hold Time (tDH)
Full
II
0
ns
Maximum Data Valid Time (tDV)
Full
II
30
ns
CMOS LOGIC INPUTS
Logic 1 Voltage
25°C
II
VDRVDD – 0.7
V
Logic 0 Voltage
25°C
II
0.4
V
Logic 1 Current
25°C
II
12
µA
Logic 0 Current
25°C
II
12
µA
Input Capacitance
25°C
II
3
pF
CMOS LOGIC OUTPUTS (1 mA Load)
Logic 1 Voltage
25°C
II
VDRVDD – 0.6
V
Logic 0 Voltage
25°C
II
0.4
V
POWER SUPPLY
Supply Current, IS (Full Operation)
25°C
II
163
184
mA
Analog Supply Current, IAS
25°C
III
95
mA
Digital Supply Current, IDS
25°C
III
68
mA
Supply Current, IS
Standby (PWRDN Pin Active)
25°C
II
119
126
mA
Full Power-Down (Register 0x02 = 0xF9)
25°C
III
16
mA
Power-Down Tx Path (Register 0x02 = 0x60)
25°C
III
113
mA
Power-Down Rx Path (Register 0x02 = 0x19)
25°C
III
110
mA
1 IQ ADC in default mode. ADC Clock Select Register 8, Bit 3 set to 0.


Similar Part No. - AD9879_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9879-EB AD-AD9879-EB Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879BS AD-AD9879BS Datasheet
364Kb / 24P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. 0
AD9879BS AD-AD9879BS Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879BSZ AD-AD9879BSZ Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
More results

Similar Description - AD9879_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9879 AD-AD9879 Datasheet
364Kb / 24P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. 0
AD9877 AD-AD9877 Datasheet
1Mb / 36P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9877 AD-AD9877_15 Datasheet
1Mb / 36P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. B
AD9879 AD-AD9879_05 Datasheet
780Kb / 32P
   Mixed-Signal Front End Set-Top Box, Cable Modem
REV. A
AD9873 AD-AD9873_15 Datasheet
932Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9873 AD-AD9873 Datasheet
935Kb / 39P
   Analog Front End Converter for Set-Top Box, Cable Modem
REV. 0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com