Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9861 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9861
Description  Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9861 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9861_15 Datasheet HTML 4Page - Analog Devices AD9861_15 Datasheet HTML 5Page - Analog Devices AD9861_15 Datasheet HTML 6Page - Analog Devices AD9861_15 Datasheet HTML 7Page - Analog Devices AD9861_15 Datasheet HTML 8Page - Analog Devices AD9861_15 Datasheet HTML 9Page - Analog Devices AD9861_15 Datasheet HTML 10Page - Analog Devices AD9861_15 Datasheet HTML 11Page - Analog Devices AD9861_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
AD9861
Rev. 0 | Page 8 of 52
PIN CONFIGURATION AND PIN FUNCTION DESCRIPTIONS
03606-0-019
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
SPI_DIO
1
SPI_CLK
2
SPI_SDO/AUX_SPI_SDO
3
ADC_LO_PWR/AUX_SPI_CS
4
DVDD
5
DVSS
6
AVDD 7
IOUT–A
8
IOUT+A
9
AGND 10
REFIO 11
FSADJ 12
AGND 13
IOUT+B 14
IOUT–B 15
AVDD 16
CLKIN
48
AUXADC_REF
47
RESET
46
AUX_DACC/AUX_ADCB
45
L0
44
L1
43
L2
42
L3
41
L4
40
L5
39
L6
38
L7
37
L8
36
L9
35
AUX_SPI_CLK
34
IFACE1
33
AD9861
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Name1
Description2, 3
1
SPI_DIO
(Interp1)
SPI: Serial Port Data Input.
No SPI: Tx Interpolation Pin, MSB.
2
SPI_CLK
(Interp0)
SPI: Serial Port Shift Clock.
No SPI: Tx Interpolation Pin, LSB.
3
SPI_SDO/AUXSPI_SDO
(FD/HD)
SPI: 4-Wire Serial Port Data Output/Data Output Pin for AuxSPI.
No SPI: Configures Full-Duplex or Half-Duplex Mode.
4
ADC_LO_PWR/AUX_SPI_CS
ADC Low Power Mode Enable. Defined at power-up. CS for AuxSPI.
5, 31
DVDD
Digital Supply.
6, 32
DVSS
Digital Ground.
7, 16, 50, 51, 61
AVDD
Analog Supply.
8, 9
IOUT–A, IOUT+A
DAC A Differential Output.
10, 13, 49, 53, 59
AGND, AVSS
Analog Ground.
11
REFIO
Tx DAC Band Gap Reference Decoupling Pin.
12
FSADJ
Tx DAC Full-Scale Adjust Pin.
14, 15
IOUT+B, IOUT−B
DAC B Differential Output.
SPI: Buffered CLKIN. Can be configured as system clock output.
17
IFACE2
(10/20)
No SPI: For FD: Buffered CLKIN; For HD20 or HD10 : 10/20 Configuration Pin.
18
IFACE3
Clock Output.
19–28
U9–U0
Upper Data Bit 9 to Upper Data Bit 0.
29
AUX1
Configurable as either AuxADC_A2 or AuxDAC_A.
30
AUX2
Configurable as either AuxADC_A1 or AuxDAC_B.
SPI: For FD: TxSYNC; For HD20, HD10, or Clone: Tx/Rx.
33
IFACE1
No SPI: FD >> TxSYNC; HD20 or HD10: Tx/Rx.


Similar Part No. - AD9861_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9861 AD-AD9861_17 Datasheet
977Kb / 52P
   Transceiver for Broadband Applications
More results

Similar Description - AD9861_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9863 AD-AD9863_15 Datasheet
997Kb / 40P
   Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
REV. A
AD9863 AD-AD9863 Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
REV. A
AD9863-50EBZ AD-AD9863-50EBZ Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. A
AD9861 AD-AD9861 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
Rev. 0
AD9861BCPZ-50 AD-AD9861BCPZ-50 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. 0
AD9878 AD-AD9878 Datasheet
749Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9878 AD-AD9878_15 Datasheet
755Kb / 36P
   Mixed-Signal Front End for Broadband Applications
REV. A
AD9865 AD-AD9865 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
   Broadband Modem Mixed-Signal Front End
REV. 0
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
   Broadband Modem Mixed-Signal Front End
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com