Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK553F-2 Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK553F-2
Description  VGA to 5 x BNC monitor cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK553F-2 Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK553F-2 Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
AK553F-2
rev00
Wilson
01.10.13
VGA to 5 x BNC monitor cable
w/Ferrite filter, 2 Meters
Free
Scale
X.
X.X
X.XX
DIM
X.°
X.X°
Angle
TOL
±0.3
±X
±X
±X°
±X°
Groll
01.10.13
Material:
• Cable: UL2919 {[28AWG(7/0.127TC)+FPE+65%(BC)S+PVC
Covering]x5COAX+AL+Mylar}+Drain(28AWG 7/0.127 BC)+Al-
Braid 85% Coverage
- OD: 9.3±0.20mm
- Jacket color: Black
• Connector P1
- HDB 15P M Solder type
- Nickel plated shell
- Blue Insulation
- Pin Gold 3 ”
• Inside Molding: Transparent PE
• Hood: Molded type, PVC 45P, color: Black
• Ferrite Core: 28.5x17.5x10.5mm
• Copper foil: Single conductive copper foil W:25mm 360 copper foil solder
• Connector P2 - P6
- BNC M Solder type
- Nickel plated shell
- 3 ” gold plated contacts
- White Insulation
Electrical:
• 100% short, open, miswire test
• Contact resistance: 2
Max.
• Insulation Resistance: 10
Min.
• Hi-Pot test: DC 300V/10ms
P2
P3
P4
P5
P6
50±5MM
P2
Shell
1
7
11
8
13
3
6
2
P1
Shell
14
PIN Assignment
Red Video
Red Shield
Green Shield
Blue Video
Green Video
Blue Shield
Black Horizontal Sync
White Vertical Sync
White&Black Shield
P3
P4
P5
P6


Similar Part No. - AK553F-2

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5534 AKM-AK5534 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?꾬걪 ADC
AK5534VN AKM-AK5534VN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5536 AKM-AK5536 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5536VN AKM-AK5536VN Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ?꾬걪 ADC
AK5538 AKM-AK5538 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
More results

Similar Description - AK553F-2

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK376-3-R ASSMANN-AK376-3-R Datasheet
137Kb / 1P
   VGA Monitor Connection cable
AK377-5-R ASSMANN-AK377-5-R Datasheet
137Kb / 1P
   VGA Monitor Connection cable
AK-310103-200-E ASSMANN-AK-310103-200-E Datasheet
221Kb / 2P
   VGA Monitor connection cable
AK3730-3-R ASSMANN-AK3730-3-R Datasheet
184Kb / 1P
   Premium VGA Monitor extension cable
AK3760-R ASSMANN-AK3760-R Datasheet
279Kb / 1P
   PREMIUM VGA MONITOR CONNECTION CABLE
AK3750-10-R ASSMANN-AK3750-10-R Datasheet
183Kb / 1P
   Premium VGA Monitor extension cable
AK-310103-030-E ASSMANN-AK-310103-030-E Datasheet
221Kb / 1P
   VGA Monitor connection cable, HD15
AK-310103-050-E ASSMANN-AK-310103-050-E Datasheet
221Kb / 2P
   VGA Monitor connection cable, HD15
AK-310103-100-E ASSMANN-AK-310103-100-E Datasheet
221Kb / 2P
   VGA Monitor connection cable, HD15
AK3770-R ASSMANN-AK3770-R Datasheet
279Kb / 1P
   PREMIUM VGA MONITOR CONNECTION CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com