Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1245 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HFA1245
Description  Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1245 Datasheet(HTML) 2 Page - Intersil Corporation

  HFA1245 Datasheet HTML 1Page - Intersil Corporation HFA1245 Datasheet HTML 2Page - Intersil Corporation HFA1245 Datasheet HTML 3Page - Intersil Corporation HFA1245 Datasheet HTML 4Page - Intersil Corporation HFA1245 Datasheet HTML 5Page - Intersil Corporation HFA1245 Datasheet HTML 6Page - Intersil Corporation HFA1245 Datasheet HTML 7Page - Intersil Corporation HFA1245 Datasheet HTML 8Page - Intersil Corporation HFA1245 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
Output Current (Note 2) . . . . . . . . . . . . . . . . Short Circuit Protected
30mA Continuous
60mA
50% Duty Cycle
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . 600V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
Maximum Junction Temperature (Die) . . . . . . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. Output is short circuit protected to ground. Brief short circuits to ground will not degrade reliability, however continuous (100% duty cycle) output
current must not exceed 30mA for maximum reliability.
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 560Ω, RS = 650Ω, RL = 100Ω, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Offset Voltage
A
25
-
2
5
mV
A
Full
-
3
8
mV
Average Input Offset Voltage Drift
B
Full
-
1
10
µV/oC
Input Offset Voltage
Common-Mode Rejection Ratio
∆VCM = ±1.8V
A
25
45
48
-
dB
∆VCM = ±1.8V
A
85
43
46
-
dB
∆VCM = ±1.2V
A
-40
43
46
-
dB
Input Offset Voltage
Power Supply Rejection Ratio
∆VPS = ±1.8V
A
25
48
52
-
dB
∆VPS = ±1.8V
A
85
46
50
-
dB
∆VPS = ±1.2V
A
-40
46
50
-
dB
Non-Inverting Input Bias Current
A
25
-
6
15
µA
A
Full
-
10
25
µA
Non-Inverting Input Bias Current Drift
B
Full
-
5
60
nA/oC
Non-Inverting Input Bias Current
Power Supply Sensitivity
∆VPS = ±1.8V
A
25
-
0.5
1
µA/V
∆VPS = ±1.8V
A
85
-
0.8
3
µA/V
∆VPS = ±1.2V
A
-40
-
0.8
3
µA/V
Non-Inverting Input Resistance
∆VCM = ±1.8V
A
25
0.8
2
-
M
∆VCM = ±1.8V
A
85
0.5
1.3
-
M
∆VCM = ±1.2V
A
-40
0.5
1.3
-
M
Inverting Input Bias Current
A
25
-
2
7.5
µA
A
Full
-
5
15
µA
Inverting Input Bias Current Drift
B
Full
-
60
200
nA/oC
Inverting Input Bias Current
Common-Mode Sensitivity
∆VCM = ±1.8V
A
25
-
3
6
µA/V
∆VCM = ±1.8V
A
85
-
4
8
µA/V
∆VCM = ±1.2V
A
-40
-
4
8
µA/V
Inverting Input Bias Current
Power Supply Sensitivity
∆VPS = ±1.8V
A
25
-
2
5
µA/V
∆VPS = ±1.8V
A
85
-
4
8
µA/V
∆VPS = ±1.2V
A
-40
-
4
8
µA/V
HFA1245


Similar Part No. - HFA1245

ManufacturerPart No.DatasheetDescription
Intersil Corporation
Intersil Corporation
HFA1245 INTERSIL-HFA1245 Datasheet
542Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
HFA1245IP INTERSIL-HFA1245IP Datasheet
542Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
HFA1245 INTERSIL-HFA1245_04 Datasheet
542Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
More results

Similar Description - HFA1245

ManufacturerPart No.DatasheetDescription
Intersil Corporation
Intersil Corporation
HFA1245 INTERSIL-HFA1245_04 Datasheet
542Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
Renesas Technology Corp
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
Texas Instruments
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
Intersil Corporation
Intersil Corporation
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
Burr-Brown (TI)
Burr-Brown (TI)
OPA3684 BURR-BROWN-OPA3684 Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
Intersil Corporation
Intersil Corporation
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
Burr-Brown (TI)
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
Texas Instruments
Texas Instruments
OPA3684 TI1-OPA3684_17 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz