Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1245 Datasheet(PDF) 13 Page - Intersil Corporation

Part No. HFA1245
Description  Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1245 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HFA1245 Datasheet HTML 6Page - Intersil Corporation HFA1245 Datasheet HTML 7Page - Intersil Corporation HFA1245 Datasheet HTML 8Page - Intersil Corporation HFA1245 Datasheet HTML 9Page - Intersil Corporation HFA1245 Datasheet HTML 10Page - Intersil Corporation HFA1245 Datasheet HTML 11Page - Intersil Corporation HFA1245 Datasheet HTML 12Page - Intersil Corporation HFA1245 Datasheet HTML 13Page - Intersil Corporation HFA1245 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Die Characteristics
DIE DIMENSIONS:
69 mils x 92 mils x 19 mils
1750
µm x 2330µm x 483µm
METALLIZATION:
Type: Metal 1: AICu(2%)/TiW
Thickness: Metal 1: 8k
Å
±0.4kÅ
Type: Metal 2: AICu(2%)
Thickness: Metal 2: 16k
Å
±0.8kÅ
SUBSTRATE POTENTIAL (POWERED UP):
Floating (Recommend Connection to V-)
PASSIVATION:
Type: Nitride
Thickness: 4k
Å
±0.5kÅ
TRANSISTOR COUNT:
180
Metallization Mask Layout
HFA1245
NOTE:
8. This is an optional GND pad. Users may set a GND reference, via this pad, to ensure the TTL compatibility of the DISABLE inputs when using
asymmetrical supplies (e.g., V+ = 10V, V- = 0V). See the “Application Information” section for details.
-IN1
OUT1
-IN2
GND (NOTE 8)
V-
OUT2
V+
NC
NC
+IN1
+IN2
DISABLE1
DISABLE2
V-
HFA1245


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn