Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1245 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HFA1245
Description  Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1245 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HFA1245 Datasheet HTML 6Page - Intersil Corporation HFA1245 Datasheet HTML 7Page - Intersil Corporation HFA1245 Datasheet HTML 8Page - Intersil Corporation HFA1245 Datasheet HTML 9Page - Intersil Corporation HFA1245 Datasheet HTML 10Page - Intersil Corporation HFA1245 Datasheet HTML 11Page - Intersil Corporation HFA1245 Datasheet HTML 12Page - Intersil Corporation HFA1245 Datasheet HTML 13Page - Intersil Corporation HFA1245 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FIGURE 28. GAIN FLATNESS
FIGURE 29. CROSSTALK (PASSIVE CHANNEL ENABLED)
FIGURE 30. CROSSTALK (PASSIVE CHANNEL DISABLED)
FIGURE 31. ALL HOSTILE OFF ISOLATION
FIGURE 32. REVERSE ISOLATION
FIGURE 33. ENABLED OUTPUT RESISTANCE
Typical Performance Curves VSUPPLY = ±5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100Ω,
Unless Otherwise Specified (Continued)
FREQUENCY (MHz)
1
10
100
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
VOUT = 200mVP-P
AV = +2, CH2
AV = -1
AV = +2, CH1
AV = +1, CH2
AV = +1, CH1
BOTH CHANNELS SHOWN
FREQUENCY (MHz)
-20
-30
-40
-50
-60
-70
-80
-90
-100
0.3
1
10
100
1000
AV = +2, VIN = 1VP-P
FREQUENCY (MHz)
-20
-30
-40
-50
-60
-70
-80
-90
-100
0.3
1
10
100
1000
AV = +2, VIN = 1VP-P
FREQUENCY (MHz)
20
30
40
50
60
70
80
90
100
0.3
1
10
100
1000
AV = +2, VIN = 1VP-P
DIS1 = DIS2 = 0V
FREQUENCY (MHz)
1
10
100
1000
10
20
30
40
50
60
70
80
90
100
AV = +2
AV = -1
AV = +1
1K
100
10
1
0.1
0.01
0.3
1
10
100
FREQUENCY (MHz)
1000
AV = +2
HFA1245


Similar Part No. - HFA1245

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1245 INTERSIL-HFA1245 Datasheet
542Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
logo
Renesas Technology Corp
HFA1245 RENESAS-HFA1245 Datasheet
549Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
logo
Intersil Corporation
HFA1245IP INTERSIL-HFA1245IP Datasheet
542Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
logo
Renesas Technology Corp
HFA1245IP RENESAS-HFA1245IP Datasheet
549Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
logo
Intersil Corporation
HFA1245 INTERSIL-HFA1245_04 Datasheet
542Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
More results

Similar Description - HFA1245

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1245 RENESAS-HFA1245 Datasheet
549Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
July 2004
logo
Intersil Corporation
HFA1245 INTERSIL-HFA1245_04 Datasheet
542Kb / 14P
   Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
HFA1145 INTERSIL-HFA1145_06 Datasheet
418Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Renesas Technology Corp
HFA1145 RENESAS-HFA1145 Datasheet
711Kb / 13P
   330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
logo
Texas Instruments
OPA684 TI-OPA684 Datasheet
403Kb / 25P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Intersil Corporation
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
   High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Burr-Brown (TI)
OPA3684 BURR-BROWN-OPA3684 Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Intersil Corporation
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com