Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1149 Datasheet(PDF) 12 Page - Intersil Corporation

Part No. HFA1149
Description  450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HFA1149 Datasheet(HTML) 12 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Die Characteristics
DIE DIMENSIONS
59 mils x 80 mils x 19 mils
1500
µm x 2020µm x 483µm
METALLIZATION
Type: Metal 1: AICu(2%)/TiW
Type: Metal 2: AICu(2%)
Thickness: Metal 1: 8k
Å
±0.4kÅ
Thickness: Metal 2: 16k
Å
±0.8kÅ
GLASSIVATION
Type: Nitride
Thickness: 4k
Å
±0.5kÅ
TRANSISTOR COUNT
130
SUBSTRATE POTENTIAL (POWERED UP)
Floating (Recommend Connection to V-)
Metallization Mask Layout
HFA1149
V-
OUT
+IN
-IN
V+
DIS / DIS
NC
NC
NC
NC
NC
POLARITY SET
THRESHOLD SET
HFA1149


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn