Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1149 Datasheet(PDF) 11 Page - Intersil Corporation

Part No. HFA1149
Description  450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HFA1149 Datasheet(HTML) 11 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FIGURE 27. SUPPLY CURRENT vs TEMPERATURE
FIGURE 28. INPUT NOISE CHARACTERISTICS
FIGURE 29. SETTLING RESPONSE
Typical Performance Curves
VSUPPLY = ±5V, TA = 25
oC, R
F = Value From the Optimum Feedback Resistor Table,
RL = 100Ω, Unless Otherwise Specified (Continued)
-75
0
50
100
4
6
8
10
12
14
16
-25
25
75
125
TEMPERATURE (oC)
-50
5
7
9
11
13
15
17
VS = ±4V
VS = ±5V
VS = ±8V
100
10
1
0.1
1
10
100
100
10
1
FREQUENCY (kHz)
INI-
ENI
INI+
INI+
30
50
70
20
40
60
TIME (ns)
10
80
100
90
0.1
0.05
-0.025
0
0.025
-0.05
-0.1
VOUT = 2V
AV = +2
HFA1149


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn