Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1149 Datasheet(PDF) 10 Page - Intersil Corporation

Part No. HFA1149
Description  450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HFA1149 Datasheet(HTML) 10 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FIGURE 21. 2nd HARMONIC DISTORTION vs FREQUENCY
FIGURE 22. 3rd HARMONIC DISTORTION vs FREQUENCY
FIGURE 23. CLOSED LOOP OUTPUT RESISTANCE
FIGURE 24. OFF ISOLATION
FIGURE 25. OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 26. SUPPLY CURRENT vs SUPPLY VOLTAGE
Typical Performance Curves
VSUPPLY = ±5V, TA = 25
oC, R
F = Value From the Optimum Feedback Resistor Table,
RL = 100Ω, Unless Otherwise Specified (Continued)
0
10203040
5060708090
100
-80
-70
-60
-50
-40
-30
-20
FREQUENCY (MHz)
AV = +2, -1
AV =+1
VOUT = 2VP-P
0
10203040
5060708090
100
-80
-70
-60
-50
-40
-30
-20
FREQUENCY (MHz)
AV =+1
AV = +1
AV = -1
AV = +2
VOUT = 2VP-P
1K
100
10
1
0.1
0.01
AV = +2
0.3
1
10
100
1000
FREQUENCY (MHz)
-30
-40
-50
-60
-100
AV = +2
VIN = 1VP-P
-90
-80
-70
0.5
100
10
1
FREQUENCY (MHz)
+VOUT (RL = 100Ω)
|-VOUT| (RL = 100Ω)
+VOUT (RL =50Ω)
|-VOUT| (RL =50Ω)
0
50
100
2.0
3.2
1.6
-25
25
75
125
-75
2.2
2.6
3.0
2.4
2.8
TEMPERATURE (
°C)
3.4
1.8
3.6
+VOUT (RL =50Ω)
|-VOUT| (RL = 100Ω)
-50
45678
9
10
11
12
13
9.5
10.5
11.5
12.5
4.5
5.5
6.5
7.5
SUPPLY VOLTAGE (
±V)
8.5
13.5
14
HFA1149


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn