Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1149 Datasheet(PDF) 9 Page - Intersil Corporation

Part No. HFA1149
Description  450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HFA1149 Datasheet(HTML) 9 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FIGURE 15. GAIN FLATNESS
FIGURE 16. OPEN LOOP TRANSIMPEDANCE
FIGURE 17. 2nd HARMONIC DISTORTION vs POUT
FIGURE 18. 3rd HARMONIC DISTORTION vs POUT
FIGURE 19. 2nd HARMONIC DISTORTION vs POUT
FIGURE 20. 3rd HARMONIC DISTORTION vs POUT
Typical Performance Curves
VSUPPLY = ±5V, TA = 25
oC, R
F = Value From the Optimum Feedback Resistor Table,
RL = 100Ω, Unless Otherwise Specified (Continued)
0.1
0
-0.1
FREQUENCY (MHz)
1
10
100
500
VOUT = 200mVP-P
AV = +1
AV = +2
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
116
106
96
FREQUENCY (MHz)
86
76
66
56
46
36
0.01
0.1
0.3
1
3
6 10
30
100
500
0
45
90
135
180
26
-90
-80
-70
-60
-50
-40
-30
AV =+1
-6
-3
0
9
12
36
OUTPUT POWER (dBm)
10MHz
20MHz
50MHz
100MHz
-6
-3
0
9
12
-80
-70
-60
-50
-40
-30
36
OUTPUT POWER (dBm)
50MHz
100MHz
AV =+1
20MHz
10MHz
-90
-20
-100
-90
-80
-70
-60
-50
-40
-30
50MHz
AV =+2
-6
-3
0
9
12
15
36
OUTPUT POWER (dBm)
10MHz
100MHz
20MHz
-90
-80
-70
-60
-50
-40
-30
50MHz
AV =+2
-6
-3
0
9
12
15
36
OUTPUT POWER (dBm)
20MHz
10MHz
100MHz
HFA1149


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn