Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1149 Datasheet(PDF) 7 Page - Intersil Corporation

Part No. HFA1149
Description  450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HFA1149 Datasheet(HTML) 7 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Typical Performance Curves
VSUPPLY = ±5V, TA = 25
oC, R
F = Value From the Optimum Feedback Resistor Table,
RL = 100Ω, Unless Otherwise Specified
FIGURE 3. SMALL SIGNAL PULSE RESPONSE
FIGURE 4. LARGE SIGNAL PULSE RESPONSE
FIGURE 5. SMALL SIGNAL PULSE RESPONSE
FIGURE 6. LARGE SIGNAL PULSE RESPONSE
FIGURE 7. SMALL SIGNAL PULSE RESPONSE
FIGURE 8. LARGE SIGNAL PULSE RESPONSE
AV = +2
TIME (5ns/DIV.)
200
150
100
50
0
-50
-100
-150
-200
AV = +2
TIME (5ns/DIV.)
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
AV = +1
TIME (5ns/DIV.)
200
150
100
50
0
-50
-100
-150
-200
AV = +1
TIME (5ns/DIV.)
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
AV = -1
TIME (5ns/DIV.)
200
150
100
50
0
-50
-100
-150
-200
AV = -1
TIME (5ns/DIV.)
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
HFA1149


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn