Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1149 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HFA1149
Description  450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1149 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HFA1149 Datasheet HTML 2Page - Intersil Corporation HFA1149 Datasheet HTML 3Page - Intersil Corporation HFA1149 Datasheet HTML 4Page - Intersil Corporation HFA1149 Datasheet HTML 5Page - Intersil Corporation HFA1149 Datasheet HTML 6Page - Intersil Corporation HFA1149 Datasheet HTML 7Page - Intersil Corporation HFA1149 Datasheet HTML 8Page - Intersil Corporation HFA1149 Datasheet HTML 9Page - Intersil Corporation HFA1149 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
PC Board Layout
The frequency response of this amplifier depends greatly on
the care taken in designing the PC board. The use of low
inductance components such as chip resistors and chip
capacitors is strongly recommended, while a solid
ground plane is a must! Attention should be given to
decoupling the power supplies. A large value (10
µF)
tantalum in parallel with a small value (0.1
µF) chip capacitor
works well in most cases.
Terminated microstrip signal lines are recommended at the
input and output of the device. Capacitance directly on the
output must be minimized, or isolated as discussed in the
next section.
Care must also be taken to minimize the capacitance to
ground seen by the amplifier’s inverting input (-IN). The
larger this capacitance, the worse the gain peaking, resulting
in pulse overshoot and possible instability. Thus, it is
recommended that the ground plane be removed under
traces connected to -IN, and connections to -IN should be
kept as short as possible.
Driving Capacitive Loads
Capacitive loads, such as an A/D input, or an improperly
terminated transmission line will degrade the amplifier’s
phase margin resulting in frequency response peaking and
possible oscillations. In most cases, the oscillation can be
avoided by placing a resistor (RS) in series with the output
prior to the capacitance.
RS and CL form a low pass network at the output, thus
limiting system bandwidth well below the amplifier
bandwidth. By decreasing RS as CL increases, the
maximum bandwidth is obtained without sacrificing stability.
In spite of this, bandwidth still decreases as the load
capacitance increases.
Evaluation Board
The performance of the HFA1149 may be evaluated using
the HFA11XX Evaluation Board (part number
HFA11XXEVAL). Please contact your local sales office for
information. When evaluating this amplifier, the two 510
gain setting resistors on the evaluation board should be
changed to 250
Ω.
The layout and schematic of the board are shown in Figure 2.
NOTE: The SOIC version may be evaluated in the DIP board by
using a SOIC-to-DIP adapter such as Aries Electronics Part Number
08-350000-10.
.
BOARD SCHEMATIC
TOP LAYOUT
BOTTOM LAYOUT
FIGURE 2. EVALUATION BOARD SCHEMATIC AND LAYOUT
1
2
3
4
8
7
6
5
+5V
10
µF
0.1
µF
VH
50
GND
GND
510
510
-5V
0.1
µF
10
µF
50
IN
OUT
VL
VH
+IN
VL
V+
GND
1
V-
OUT
HFA1149


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn