Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1135 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HFA1135
Description  360MHz, Low Power, Video Operational Amplifier with Output Limiting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1135 Datasheet(HTML) 3 Page - Intersil Corporation

  HFA1135 Datasheet HTML 1Page - Intersil Corporation HFA1135 Datasheet HTML 2Page - Intersil Corporation HFA1135 Datasheet HTML 3Page - Intersil Corporation HFA1135 Datasheet HTML 4Page - Intersil Corporation HFA1135 Datasheet HTML 5Page - Intersil Corporation HFA1135 Datasheet HTML 6Page - Intersil Corporation HFA1135 Datasheet HTML 7Page - Intersil Corporation HFA1135 Datasheet HTML 8Page - Intersil Corporation HFA1135 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Input Voltage Common Mode Range (Implied by
VIO CMRR, +RIN, and -IBIAS CMS tests)
A
25, 85
±1.8
±2.4
-
V
A
-40
±1.2
±1.7
-
V
Input Noise Voltage Density (Note 5)
f = 100kHz
B
25
-
3.5
-
nV/
√Hz
Non-Inverting Input Noise Current Density (Note 5)
f = 100kHz
B
25
-
2.5
-
pA/
√Hz
Inverting Input Noise Current Density (Note 5)
f = 100kHz
B
25
-
20
-
pA/
√Hz
TRANSFER CHARACTERISTICS
Open Loop Transimpedance Gain (Note 5)
AV = -1
C
25
-
500
-
k
AC CHARACTERISTICS
AV = +2, RF = 250Ω, Unless Otherwise Specified
-3dB Bandwidth
(VOUT = 0.2VP-P, Note 5)
AV = +1, RF = 1.5kΩ
B
25
-
660
-
MHz
AV = +2, RF = 250Ω
B
25
-
360
-
MHz
AV = +2, RF = 330Ω
B
25
-
315
-
MHz
AV = -1, RF = 330Ω
B
25
-
290
-
MHz
Full Power Bandwidth
(VOUT = 5VP-P at AV = +2/-1,
4VP-P at AV = +1, Note 5)
AV = +1, RF = 1.5kΩ
B
25
-
90
-
MHz
AV = +2, RF = 250Ω
B
25
-
130
-
MHz
AV = -1, RF = 330Ω
B
25
-
170
-
MHz
Gain Flatness
(to 25MHz, VOUT = 0.2VP-P, Note 5)
AV = +1, RF = 1.5kΩ
B25
-
±0.10
-
dB
AV = +2, RF = 250Ω
B25
-
±0.02
-
dB
AV = +2, RF = 330Ω
B25
-
±0.02
-
dB
Gain Flatness
(to 50MHz, VOUT = 0.2VP-P, Note 5)
AV = +1, RF = 1.5kΩ
B25
-
±0.22
-
dB
AV = +2, RF = 250Ω
B25
-
±0.07
-
dB
AV = +2, RF = 330Ω
B25
-
±0.03
-
dB
Minimum Stable Gain
A
Full
-
1
-
V/V
OUTPUT CHARACTERISTICS
RF = 510Ω, Unless Otherwise Specified
Output Voltage Swing (Note 5)
AV = -1, RL = 100Ω
A25
±3
±3.4
-
V
A
Full
±2.8
±3-
V
Output Current (Note 5)
AV = -1, RL = 50Ω
A
25, 85
50
60
-
mA
A
-40
28
42
-
mA
Output Short Circuit Current
B
25
-
90
-
mA
Closed Loop Output Resistance (Note 5)
DC, AV = +2, RF = 250Ω
B
25
-
0.07
-
Second Harmonic Distortion
(AV = +2, RF = 250Ω, VOUT = 2VP-P, Note 5)
10MHz
B
25
-
-50
-
dBc
20MHz
B
25
-
-45
-
dBc
Third Harmonic Distortion
(AV = +2, RF = 250Ω, VOUT = 2VP-P, Note 5)
10MHz
B
25
-
-50
-
dBc
20MHz
B
25
-
-45
-
dBc
TRANSIENT CHARACTERISTICS
AV = +2, RF = 250Ω, Unless Otherwise Specified
Rise and Fall Times
(VOUT = 0.5VP-P, Note 5)
Rise Time
B
25
-
0.81
-
ns
Fall Time
B
25
-
1.25
-
ns
Overshoot (Note 4)
(VOUT = 0 to 0.5V, VIN tRISE = 2.5ns)
+OS
B
25
-
3
-
%
-OS
B
25
-
5
-
%
Overshoot (Note 4)
(VOUT = 0.5VP-P, VIN tRISE = 2.5ns)
+OS
B
25
-
2
-
%
-OS
B
25
-
10
-
%
Slew Rate
(VOUT = 4VP-P, AV = +1, RF = 1.5kΩ)
+SR
B
25
-
875
-
V/
µs
-SR (Note 6)
B
25
-
510
-
V/
µs
Slew Rate
(VOUT = 5VP-P, AV = +2, RF = 250Ω)
+SR
B
25
-
1530
-
V/
µs
-SR (Note 6)
B
25
-
850
-
V/
µs
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 510Ω (Note 3), RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 2)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
HFA1135


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn