Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1135 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HFA1135
Description  360MHz, Low Power, Video Operational Amplifier with Output Limiting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1135 Datasheet(HTML) 1 Page - Intersil Corporation

  HFA1135 Datasheet HTML 1Page - Intersil Corporation HFA1135 Datasheet HTML 2Page - Intersil Corporation HFA1135 Datasheet HTML 3Page - Intersil Corporation HFA1135 Datasheet HTML 4Page - Intersil Corporation HFA1135 Datasheet HTML 5Page - Intersil Corporation HFA1135 Datasheet HTML 6Page - Intersil Corporation HFA1135 Datasheet HTML 7Page - Intersil Corporation HFA1135 Datasheet HTML 8Page - Intersil Corporation HFA1135 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
TM
File Number
3653.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
HFA1135
360MHz, Low Power, Video Operational
Amplifier with Output Limiting
The HFA1135 is a high speed, low power current feedback
amplifier build with Intersil’s proprietary complementary
bipolar UHF-1 process. This amplifier features user
programmable output limiting, via the VH and VL pins.
The HFA1135 is the ideal choice for high speed, low power
applications requiring output limiting (e.g. flash A/D drivers),
especially those requiring fast overdrive recovery times. The
limiting function allows the designer to set the maximum and
minimum output levels to protect downstream stages from
damage or input saturation. The sub-nanosecond overdrive
recovery time ensures a quick return to linear operation
following an overdrive condition.
Component and composite video systems also benefit from
this operational amplifier’s performance, as indicated by the
gain flatness, and differential gain and phase specifications.
The HFA1135 is a low power, high performance upgrade for
the CLC501 and CLC502.
Features
• User Programmable Output Voltage Limiting
• Fast Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . . <1ns
• Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . 6.8mA
• High Input Impedance . . . . . . . . . . . . . . . . . . . . . . . 2M
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . . . . . . 360MHz
• Very Fast Slew Rate . . . . . . . . . . . . . . . . . . . . . . 1200V/
µs
• Gain Flatness (to 50MHz) . . . . . . . . . . . . . . . . . .
±0.07dB
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.02%
• Differential Phase . . . . . . . . . . . . . . . . . . . . 0.04 Degrees
• Pin Compatible Upgrade to CLC501 and CLC502
Applications
• Flash A/D Drivers
• High Resolution Monitors
• Professional Video Processing
• Video Digitizing Boards/Systems
• Multimedia Systems
• RGB Preamps
• Medical Imaging
• Hand Held and Miniaturized RF Equipment
• Battery Powered Communications
Pinout
HFA1135
(SOIC)
TOP VIEW
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HFA1135IB
(H1135I)
-40 to 85
8 Ld SOIC
M8.15
HFA1135IB96
(H1135I)
-40 to 85
8 Ld SOIC
Tape and Reel
M8.15
HFA11XXEVAL
DIP Evaluation Board for High Speed
Op Amps
1
2
3
4
8
7
6
5
NC
-IN
+IN
V-
VH
V+
OUT
VL
+
-
Data Sheet
June 2000


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn