Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA1109 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HFA1109
Description  450MHz, Low Power, Current Feedback Video Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1109 Datasheet(HTML) 2 Page - Intersil Corporation

  HFA1109 Datasheet HTML 1Page - Intersil Corporation HFA1109 Datasheet HTML 2Page - Intersil Corporation HFA1109 Datasheet HTML 3Page - Intersil Corporation HFA1109 Datasheet HTML 4Page - Intersil Corporation HFA1109 Datasheet HTML 5Page - Intersil Corporation HFA1109 Datasheet HTML 6Page - Intersil Corporation HFA1109 Datasheet HTML 7Page - Intersil Corporation HFA1109 Datasheet HTML 8Page - Intersil Corporation HFA1109 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Differential Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
Output Current (Note 2) . . . . . . . . . . . . . . . . Short Circuit Protected
30mA Continuous
60mA
50% Duty Cycle
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . 1400V
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93). . . 2000V
Machine Model (Per EIAJ ED-4701Method C-111) . . . . . . . . 50V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
130
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
170
Maximum Junction Temperature (Die). . . . . . . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. Output is short circuit protected to ground. Brief short circuits to ground will not degrade reliability, however continuous (100% duty cycle)
output current must not exceed 30mA for maximum reliability.
Electrical Specifications VSUPPLY = ±5V, AV = +2, RF = 250Ω, RL = 100Ω, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Offset Voltage
A
25
-
1
5
mV
A
Full
-
2
8
mV
Average Input Offset Voltage Drift
B
Full
-
10
-
µV/oC
Input Offset Voltage
Common-Mode Rejection Ratio
∆VCM = ±2V
A
25
47
50
-
dB
∆VCM = ±2V
A
Full
45
48
-
dB
Input Offset Voltage
Power Supply Rejection Ratio
∆VPS = ±1.25V
A
25
50
53
-
dB
∆VPS = ±1.25V
A
Full
47
51
-
dB
Non-Inverting Input Bias Current
A
25
-
4
10
µA
A
Full
-
5
15
µA
Non-Inverting Input Bias Current Drift
B
Full
-
30
-
nA/oC
Non-Inverting Input Bias Current
Power Supply Sensitivity
∆VPS = ±1.25V
A
25
-
0.5
1
µA/V
∆VPS = ±1.25V
A
Full
-
0.5
3
µA/V
Inverting Input Bias Current
A
25
-
2
10
µA
A
Full
-
3
15
µA
Inverting Input Bias Current Drift
B
Full
-
40
-
nA/oC
Inverting Input Bias Current
Common-Mode Sensitivity
∆VCM = ±2V
A
25
-
3
6
µA/V
∆VCM = ±2V
A
Full
-
3
8
µA/V
Inverting Input Bias Current
Power Supply Sensitivity
∆VPS = ±1.25V
A
25
-
1.6
5
µA/V
∆VPS = ±1.25V
A
Full
-
1.6
8
µA/V
Non-Inverting Input Resistance
∆VCM = ±2V
A
25, 85
0.8
1.7
-
M
∆VCM = ±2V
A
-40
0.5
1.4
-
M
Inverting Input Resistance
B
25
-
60
-
Input Capacitance
B
25
-
1.6
-
pF
HFA1109


Similar Part No. - HFA1109

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109 Datasheet
225Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Renesas Technology Corp
HFA1109 RENESAS-HFA1109 Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1109IB INTERSIL-HFA1109IB Datasheet
288Kb / 11P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1109IB INTERSIL-HFA1109IB Datasheet
225Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Renesas Technology Corp
HFA1109IB RENESAS-HFA1109IB Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
More results

Similar Description - HFA1109

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_07 Datasheet
225Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Renesas Technology Corp
HFA1109 RENESAS-HFA1109 Datasheet
584Kb / 12P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1109 INTERSIL-HFA1109_04 Datasheet
288Kb / 11P
   450MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Renesas Technology Corp
HFA1105 RENESAS-HFA1105 Datasheet
651Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
logo
Intersil Corporation
HFA1105 INTERSIL-HFA1105 Datasheet
118Kb / 11P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
September 1998
HFA1105 INTERSIL-HFA1105_06 Datasheet
304Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
HFA1105IB INTERSIL-HFA1105IB Datasheet
307Kb / 12P
   330MHz, Low Power, Current Feedback Video Operational Amplifier
June 6, 2006
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HFA1149 INTERSIL-HFA1149_04 Datasheet
349Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
logo
Renesas Technology Corp
HFA1149 RENESAS-HFA1149 Datasheet
735Kb / 13P
   450MHz, Low Power, Video Operational Amplifier with Programmable Output Disable
August 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com