Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1109 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. HFA1109
Description  450MHz, Low Power, Current Feedback Video Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

HFA1109 Datasheet(HTML) 4 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Third Harmonic Distortion
(VOUT = 2VP-P, Note 4)
20MHz
B
25
-
-68
-
dBc
60MHz
B
25
-
-60
-
dBc
Reverse Isolation (S12)
30MHz
B
25
-
-65
-
dB
TRANSIENT CHARACTERISTICS
Rise and Fall Times
VOUT = 0.5VP-P
B
25
-
1.1
1.3
ns
B
Full
-
1.1
1.4
ns
Overshoot
VOUT = 0.5VP-P
B25
-
0
2
%
B
Full
-
0.5
5
%
Slew Rate
AV = -1, RF = 200Ω
VOUT = 5VP-P
B
25
2300
2600
-
V/
µs
B
Full
2200
2500
-
V/
µs
AV = +1, VOUT = 4VP-P,
+RS = 550Ω (PDIP),
+RS = 700Ω (SOIC)
B
25
475
550
-
V/
µs
B
Full
430
500
-
V/
µs
AV = +2, VOUT = 5VP-P
B
25
940
1100
-
V/
µs
B
Full
800
950
-
V/
µs
Settling Time
(VOUT = +2V to 0V step, Note 4)
To 0.1%
B
25
-
19
-
ns
To 0.05%
B
25
-
23
-
ns
To 0.01%
B
25
-
36
-
ns
Overdrive Recovery Time
VIN = ±2V
B
25
-
5
-
ns
VIDEO CHARACTERISTICS
Differential Gain
(f = 3.58MHz)
RL = 150Ω
B
25
-
0.02
0.06
%
B
Full
-
0.03
0.09
%
RL = 75Ω
B
25
-
0.04
0.09
%
B
Full
-
0.05
0.12
%
Differential Phase
(f = 3.58MHz)
RL = 150Ω
B
25
-
0.02
0.06
Degrees
B
Full
-
0.02
0.06
Degrees
RL = 75Ω
B
25
-
0.05
0.09
Degrees
B
Full
-
0.06
0.13
Degrees
POWER SUPPLY CHARACTERISTICS
Power Supply Range
C
25
±4.5
-
±5.5
V
Power Supply Current (Note 4)
A
25
-
9.6
10
mA
A
Full
-
10
11
mA
NOTES:
3. Test Level: A. Production Tested; B. Typical or Guaranteed Limit Based on Characterization; C. Design Typical for Information Only.
4. See Typical Performance Curves for more information.
Electrical Specifications VSUPPLY = ±5V, AV = +2, RF = 250Ω, RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
HFA1109


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn