Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HFA1105 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. HFA1105
Description  330MHz, Low Power, Current Feedback Video Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1105 Datasheet(HTML) 2 Page - Intersil Corporation

  HFA1105 Datasheet HTML 1Page - Intersil Corporation HFA1105 Datasheet HTML 2Page - Intersil Corporation HFA1105 Datasheet HTML 3Page - Intersil Corporation HFA1105 Datasheet HTML 4Page - Intersil Corporation HFA1105 Datasheet HTML 5Page - Intersil Corporation HFA1105 Datasheet HTML 6Page - Intersil Corporation HFA1105 Datasheet HTML 7Page - Intersil Corporation HFA1105 Datasheet HTML 8Page - Intersil Corporation HFA1105 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage (V+ to V-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
Output Current (Note 1) . . . . . . . . . . . . . . . . .Short Circuit Protected
30mA Continuous
60mA
50% Duty Cycle
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >600V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
130
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
170
Maximum Junction Temperature (Die) . . . . . . . . . . . . . . . . . . . .175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Output is short circuit protected to ground. Brief short circuits to ground will not degrade reliability, however continuous (100% duty cycle) output
current must not exceed 30mA for maximum reliability.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications VSUPPLY = ±5V, AV = +1, RF = 510Ω, RL = 100Ω, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Offset Voltage
A
25
-
2
5
mV
A
Full
-
3
8
mV
Average Input Offset Voltage Drift
B
Full
-
1
10
µV/oC
Input Offset Voltage
Common-Mode Rejection Ratio
∆VCM = ±1.8V
A
25
47
50
-
dB
∆VCM = ±1.8V
A
85
45
48
-
dB
∆VCM = ±1.2V
A
-40
45
48
-
dB
Input Offset Voltage
Power Supply Rejection Ratio
∆VPS = ±1.8V
A
25
50
54
-
dB
∆VPS = ±1.8V
A
85
47
50
-
dB
∆VPS = ±1.2V
A
-40
47
50
-
dB
Non-Inverting Input Bias Current
A
25
-
6
15
µA
A
Full
-
10
25
µA
Non-Inverting Input Bias Current Drift
B
Full
-
5
60
nA/oC
Non-Inverting Input Bias Current
Power Supply Sensitivity
∆VPS = ±1.8V
A
25
-
0.5
1
µA/V
∆VPS = ±1.8V
A
85
-
0.8
3
µA/V
∆VPS = ±1.2V
A
-40
-
0.8
3
µA/V
Non-Inverting Input Resistance
∆VCM = ±1.8V
A
25
0.8
1.2
-
M
∆VCM = ±1.8V
A
85
0.5
0.8
-
M
∆VCM = ±1.2V
A
-40
0.5
0.8
-
M
Inverting Input Bias Current
A
25
-
2
7.5
µA
A
Full
-
5
15
µA
Inverting Input Bias Current Drift
B
Full
-
60
200
nA/oC
Inverting Input Bias Current
Common-Mode Sensitivity
∆VCM = ±1.8V
A
25
-
3
6
µA/V
∆VCM = ±1.8V
A
85
-
4
8
µA/V
∆VCM = ±1.2V
A
-40
-
4
8
µA/V
Inverting Input Bias Current
Power Supply Sensitivity
∆VPS = ±1.8V
A
25
-
2
5
µA/V
∆VPS = ±1.8V
A
85
-
4
8
µA/V
∆VPS = ±1.2V
A
-40
-
4
8
µA/V
HFA1105


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn