Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCTS93HMSR Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCTS93HMSR
Description  Radiation Hardened 4-Bit Binary Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS93HMSR Datasheet(HTML) 4 Page - Intersil Corporation

  HCTS93HMSR Datasheet HTML 1Page - Intersil Corporation HCTS93HMSR Datasheet HTML 2Page - Intersil Corporation HCTS93HMSR Datasheet HTML 3Page - Intersil Corporation HCTS93HMSR Datasheet HTML 4Page - Intersil Corporation HCTS93HMSR Datasheet HTML 5Page - Intersil Corporation HCTS93HMSR Datasheet HTML 6Page - Intersil Corporation HCTS93HMSR Datasheet HTML 7Page - Intersil Corporation HCTS93HMSR Datasheet HTML 8Page - Intersil Corporation HCTS93HMSR Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
483
Specifications HCTS93MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CP0 to Q0
TPHL
VCC = 4.5V
9
+25oC
2
32
ns
10, 11
+125oC, -55oC
2
39
ns
TPLH
VCC = 4.5V
9
+25oC
2
27
ns
10, 11
+125oC, -55oC
2
33
ns
CP1 to Q1
TPHL
VCC = 4.5V
9
+25oC
2
32
ns
10, 11
+125oC, -55oC
2
39
ns
TPLH
VCC = 4.5V
9
+25oC
2
27
ns
10, 11
+125oC, -55oC
2
33
ns
CP1 to Q2
TPHL
VCC = 4.5V
9
+25oC
2
39
ns
10, 11
+125oC, -55oC
2
47
ns
TPLH
VCC = 4.5V
9
+25oC
2
32
ns
10, 11
+125oC, -55oC
2
39
ns
CP1 to Q3
TPHL
VCC = 4.5V
9
+25oC
2
42
ns
10, 11
+125oC, -55oC
2
51
ns
TPLH
VCC = 4.5V
9
+25oC
2
36
ns
10, 11
+125oC, -55oC
2
44
ns
MRn to Qn
TPHL
VCC = 4.5V
9
+25oC
2
33
ns
10, 11
+125oC, -55oC
2
40
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = 3V.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
39
pF
1
+125oC, -55oC
-
99
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC
-
10
pF
Output Transition
Time
TTHL,
TTLH
VCC = 4.5V
1
+25oC
-
15
ns
1
+125oC, -55oC
-
22
ns
Max Clock
Frequency
FMAX
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
1
+25oC
30
-
MHz
1
+125oC
20
-
MHz
Pulse Width CP0,
CP1
TW
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
1
+25oC16
-
ns
1
+125oC24
-
ns
Reset Pulse Width
TW
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
1
+25oC16
-
ns
1
+125oC24
-
ns
Reset Removal
Time
TREM
VCC = 4.5V, VIH = 4.5V,
VIL = 0.0V
1
+25oC10
-
ns
1
+125oC15
-
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
Spec Number
518622


Similar Part No. - HCTS93HMSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS00D INTERSIL-HCTS00D Datasheet
49Kb / 9P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
logo
Renesas Technology Corp
HCTS00D RENESAS-HCTS00D Datasheet
640Kb / 8P
   Radiation Hardened Quad2-Input NAND Gate
August 1995
logo
Intersil Corporation
HCTS00DMSR INTERSIL-HCTS00DMSR Datasheet
49Kb / 9P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
logo
Renesas Technology Corp
HCTS00DMSR RENESAS-HCTS00DMSR Datasheet
640Kb / 8P
   Radiation Hardened Quad2-Input NAND Gate
August 1995
logo
Intersil Corporation
HCTS00HMSR INTERSIL-HCTS00HMSR Datasheet
49Kb / 9P
   Radiation Hardened Quad 2-Input NAND Gate
August 1995
More results

Similar Description - HCTS93HMSR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC93 PHILIPS-74HC93 Datasheet
45Kb / 7P
   4-bit binary ripple counter
December 1990
logo
Intersil Corporation
HCTS393MS INTERSIL-HCTS393MS Datasheet
145Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
Renesas Technology Corp
HCTS393MS RENESAS-HCTS393MS Datasheet
471Kb / 9P
   Radiation Hardened Dual 4-Stage Binary Counter
August 1995
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
logo
Intersil Corporation
HCTS390MS INTERSIL-HCTS390MS Datasheet
139Kb / 9P
   Radiation Hardened Dual Decade Ripple Counter
September 1995
logo
NXP Semiconductors
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
   Dual 4-bit binary ripple counter
1997 Jun 10
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
   Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
   Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
   Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
logo
NXP Semiconductors
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
   Dual 4-bit binary ripple counter
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com